Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6602UE9A+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6602UE9A+
Description  Five-Channel Precision Temperature Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6602UE9A+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6602UE9A+ Datasheet HTML 1Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 2Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 3Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 4Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 5Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 6Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 7Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 8Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Five-Channel Precision Temperature Monitor
_______________________________________________________________________________________
5
REMOTE TEMPERATURE ERROR
vs. COMMON-MODE NOISE FREQUENCY
FREQUENCY (MHz)
1
0.1
0.01
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.001
10
100mVP-P
Typical Operating Characteristics (continued)
(VCC = 3.3V, VSTBY = VCC, TA = +25°C, unless otherwise noted.)
TEMPERATURE ERROR
vs. DXP-DXN CAPACITANCE
DXP-DXN CAPACITANCE (nF)
10
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
-5.0
1100
Pin Description
PIN
NAME
FUNCTION
1
DXP1
Combined Current Source and A/D Positive Input for Channel 1 Remote Diode. Connect to the anode
of a remote-diode-connected temperature-sensing transistor. Leave floating or connect to DXN1 if no
remote diode is used. Place a 2200pF capacitor between DXP1 and DXN1 for noise filtering.
2
DXN1
Cathode Input for Channel 1 Remote Diode. Connect the cathode of the channel 1 remote-diode-
connected transistor to DXN1.
3
DXP2
Combined Current Source and A/D Positive Input for Channel 2 Remote Diode. Connect to the anode
of a remote-diode-connected temperature-sensing transistor. Leave floating or connect to DXN2 if no
remote diode is used. Place a 2200pF capacitor between DXP2 and DXN2 for noise filtering.
4
DXN2
Cathode Input for Channel 2 Remote Diode. Connect the cathode of the channel 2 remote-diode-
connected transistor to DXN2.
5
DXP3
Combined Current Source and A/D Positive Input for Channel 3 Remote Diode. Connect to the anode
of a remote-diode-connected temperature-sensing transistor. Leave floating or connect to DXN3 if no
remote diode is used. Place a 2200pF capacitor between DXP3 and DXN3 for noise filtering.
6
DXN3
Cathode Input for Channel 3 Remote Diode. Connect the cathode of the channel 1 remote-diode-
connected transistor to DXN3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com