Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6602UE9A+ Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX6602UE9A+
Description  Five-Channel Precision Temperature Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6602UE9A+ Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX6602UE9A+ Datasheet HTML 10Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 11Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 12Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 13Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 14Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 15Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 16Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 17Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Slave Address
The slave address of the MAX6602 is 9Ah or 1001 101.
PC Board Layout
Follow these guidelines to reduce the measurement
error when measuring remote temperature:
1) Place the MAX6602 as close as is practical to the
remote diode. In noisy environments, such as a com-
puter motherboard, this distance can be 4in to 8in
(typ). This length can be increased if the worst noise
sources are avoided. Noise sources include CRTs,
clock generators, memory buses, and PCI buses.
2) Do not route the DXP-DXN lines next to the deflec-
tion coils of a CRT. Also, do not route the traces
across fast digital signals, which can easily intro-
duce +30°C error, even with good filtering.
3) Route the DXP and DXN traces in parallel and in
close proximity to each other. Each parallel pair of
traces should go to a remote diode. Route these
traces away from any higher voltage traces, such as
+12VDC. Leakage currents from PC board contami-
nation must be dealt with carefully since a 20M
Ω
leakage path from DXP to ground causes about
+1°C error. If high-voltage traces are unavoidable,
connect guard traces to GND on either side of the
DXP-DXN traces (Figure 5).
4) Route through as few vias and crossunders as possi-
ble to minimize copper/solder thermocouple effects.
5) Use wide traces when practical. 5-mil to 10-mil
traces are typical. Be aware of the effect of trace
resistance on temperature readings when using
long, narrow traces.
6) When the power supply is noisy, add a resistor (up
to 47
Ω) in series with VCC.
Twisted-Pair and Shielded Cables
Use a twisted-pair cable to connect the remote sensor
for remote-sensor distances longer than 8in or in very
noisy environments. Twisted-pair cable lengths can be
between 6ft and 12ft before noise introduces excessive
errors. For longer distances, the best solution is a
shielded twisted pair like that used for audio micro-
phones. For example, Belden #8451 works well for dis-
tances up to 100ft in a noisy environment. At the
device, connect the twisted pair to DXP and DXN and
the shield to GND. Leave the shield unconnected at the
remote sensor. For very long cable runs, the cable’s
parasitic capacitance often provides noise filtering, so
the 2200pF capacitor can often be removed or reduced
in value. Cable resistance also affects remote-sensor
accuracy. For every 1
Ω of series resistance, the error is
approximately +1/2°C.
Five-Channel Precision Temperature Monitor
16
______________________________________________________________________________________
5 mils to 10 mils
5 mils to 10 mils
5 mils to 10 mils
MINIMUM
5 mils to 10 mils
GND
DXP
DXN
GND
Figure 5. Recommended DXP-DXN PC Board Traces. The two
outer guard traces are recommended if high-voltage traces will
be near the DXN and DXP traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com