Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD50STEVAL Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXCD50STEVAL
Description  50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD50STEVAL Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXCD50STEVAL Datasheet HTML 3Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 4Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 5Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 6Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 7Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 8Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 9Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 10Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ZETEX CLASS D 50W STEREO DISTRIBUTOR BOARD BOM - REV1
PCB ID
Value
Case
Specific
Part Number
Note
Manufacturer
Resistors:-
R1
100k
1% 0.1W
SMD 0805
Generic
R2
11k
1% 0.1W
SMD 0805
Generic
R3
390
1% 0.1W
SMD 0805
Generic
R4
22k
1% 0.1W
SMD 0805
Generic
R5
22k
1% 0.1W
SMD 0805
Generic
R6
22k
1% 0.1W
SMD 0805
Generic
R7
390
1% 0.1W
SMD 0805
Generic
R8
5k6
1% 0.1W
SMD 0805
Generic
R9
5k6
1% 0.1W
SMD 0805
Generic
R10
1k5
1% 0.1W
SMD 0805
Generic
R11
820
1% 0.1W
SMD 0805
Generic
R12
47k
1% 0.1W
SMD 0805
Generic
R13
56
1% 0.1W
SMD 0805
Generic
R14
56
1% 0.1W
SMD 0805
Generic
R15
47k
1% 0.1W
SMD 0805
Generic
R16
47k
1% 0.1W
SMD 0805
Generic
R17
56
1% 0.1W
SMD 0805
Generic
R18
56
1% 0.1W
SMD 0805
Generic
R19
47k
1% 0.1W
SMD 0805
Generic
R20
0R01
1% 1W
Open Air
Welwyn
OARS series
Farnell 327-4561
R21
390
1% 0.1W
SMD 0805
Generic
R22
47k
1% 0.1W
SMD 0805
Generic
R23
47k
1% 0.1W
SMD 0805
Generic
R24
22k
1% 0.1W
SMD 0805
Generic
R25
100k
1% 0.1W
SMD 0805
Generic
R26
62k
1% 0.1W
SMD 0805
Generic
R27
11k
1% 0.1W
SMD 0805
Generic
R28
11k
1% 0.1W
SMD 0805
Generic
R29
100k
1% 0.1W
SMD 0805
Generic
R30
100k
1% 0.1W
SMD 0805
Generic
R31
51k
1% 0.1W
SMD 0805
Generic
R32
11k
1% 0.1W
SMD 0805
Generic
R33
100k
1% 0.1W
SMD 0805
Generic
R34
8k2
1% 0.1W
SMD 0805
Generic
R35
3k9
1% 0.1W
SMD 0805
Generic
R36
1k
1% 0.1W
SMD 0805
Generic
R101
100k
1% 0.1W
SMD 0805
Generic
R102
11k
1% 0.1W
SMD 0805
Generic
R103
390
1% 0.1W
SMD 0805
Generic
R104
22k
1% 0.1W
SMD 0805
Generic
R105
22k
1% 0.1W
SMD 0805
Generic
R106
22k
1% 0.1W
SMD 0805
Generic
R107
390
1% 0.1W
SMD 0805
Generic
R108
5k6
1% 0.1W
SMD 0805
Generic
R109
5k6
1% 0.1W
SMD 0805
Generic
R112
47k
1% 0.1W
SMD 0805
Generic
R113
56
1% 0.1W
SMD 0805
Generic
R114
56
1% 0.1W
SMD 0805
Generic
R115
47k
1% 0.1W
SMD 0805
Generic
R116
47k
1% 0.1W
SMD 0805
Generic
R117
56
1% 0.1W
SMD 0805
Generic
R118
56
1% 0.1W
SMD 0805
Generic
R119
47k
1% 0.1W
SMD 0805
Generic
R120
0R01
1% 1W
Open Air
OARS series
Farnell 327-4561
R121
390
1% 0.1W
SMD 0805
Generic
R122
47k
1% 0.1W
SMD 0805
Generic
ZXCD50STEVAL
ISSUE 1 - JULY 2002
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com