Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD50STEVAL Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXCD50STEVAL
Description  50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD50STEVAL Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXCD50STEVAL Datasheet HTML 1Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 2Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 3Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 4Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 5Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 6Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 7Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 8Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CONNECTION AND OPERATION
The following PCB image shows the connections
required for correct operation of the ZXCD50STEVAL
board. Simple connector blocks are provided to enable
easy connection of the supply voltage, audio inputs
and speaker outputs.
Power connection
The ZXCD50STEVAL requires a single positive supply
voltage:
25V @ approximately 2.3A for 50W music into 4
Note: 8
speakers can be used in this application. In this case a 25V bridge
supply will result in an output power of 25W music. If this is required then
C2/102 should be removed to maintain a flat frequency response.
The supply should not exceed 25V and must not be less
than 13V to ensure correct operation of the amplifier.
Ensure the correct polarity of the supply applied.
Audio input
The ZXCD50STEVAL requires a single ended audio
input per channel as follows:
The input impedance is 18k .
Input signal amplitude required for full output power is
approximately 2.5V peak to peak.
Speaker connection
4
speakers may be connected to the board as shown.
The correct polarity connection of the speakers is
essential to avoid phasing errors.
Note: 8
speakers can be used in this application. If this is required then
C2/102 should be removed to maintain a flat frequency response.
Over current protection is provided on the board,
which prevents
damage to the circuit with shorts from the speaker to ground or across the
speaker.
EVALUATION BOARD DESCRIPTION AND
OPERATION
The top copper , bottom copper and silk screen ID
overlay are shown in figure 1,2 and 3.
The ZXCD1000 is available in a 16-pin exposed pad
QSOP package. The exposed pad on the underside of
the package is soldered down to an area of copper on
the PCB, to function as a heatsink. To further assist heat
dissipation, the PCB has plated through vias
connecting to an area of copper on the underside of the
board.
The MOSFETS required on the board are Zetex ZXM64
series HDMOS parts. These SOT223 parts are required
to handle the power dissipation in the amplifier with a
50W music load.
The regulator transistors on the board are ZTX692B,
E-Line devices. These devices are required to supply
the 12V rail to the channels from the board input
voltage which is the 25V bridge supply.
The inductors in place on the board have been selected
for their excellent linearity and low losses. These
components ensure minimal distortion is introduced in
the recovered audio signal across the full power band.
The speaker is connected as a Bridge Tied Load (BTL).
This means that both sides of the speaker are driven
from the Output Bridge and therefore neither side of
the speaker connects to ground. This allows maximum
power to be delivered to the load, from a given supply
voltage.
ZXCD50STEVAL
ISSUE 1 - JULY 2002
2
Audio input
Channel A
Audio input
Channel B
Mute
Power connection
Speaker connection
Channel A
Speaker connection
Channel B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com