Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD50STEVAL Datasheet(PDF) 11 Page - Zetex Semiconductors

Part # ZXCD50STEVAL
Description  50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD50STEVAL Datasheet(HTML) 11 Page - Zetex Semiconductors

Back Button ZXCD50STEVAL Datasheet HTML 3Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 4Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 5Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 6Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 7Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 8Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 9Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 10Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
This publication is issued to provide outline information only which (unless agreed by the Company in writing)
may not be used, applied or reproduced for any purposes or form part of any order or contract or be regarded as
representation relating to the products or services concerned. The company reserves the right to alter without
notice the specification, design, price or conditions of supply of any product or service.
Some changes to earlier published data may have been made, data presented in this handbook supersedes all
previous specifications. The information contained in this publication has been carefully checked and is
considered to be accurate, but no responsibility is assumed for any inaccuracies.
Zetex makes no warranty, representation or guarantee regarding the suitability of the products and circuits in
this publication for any given purpose; nor does Zetex assume any liability arising from the use or application of
any these products or circuits and specifically disclaims any and all incidental damages.
Zetex products are specifically not authorised for use as critical components in life support devices or systems
without the express written approval of the Managing Director of Zetex plc. As used herein -
a. Life support devices or systems are devices or systems which
(1) are intended to implant into the body, or
(2) support or sustain life and whose failure to perform when properly used in accordance with instructions for
use provided in the labelling can be reasonable expected to result in significant injury to the user.
b. A critical component is any component on a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
E. & O.E.
“all rights reserved”
ZXCD50STEVAL
12
ISSUE 1 - JULY 2002
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4422
Fax: (44) 161 622 4420
uk.sales@zetex.com
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY11788
USA
Telephone: (631) 360 2222
Fax: (631) 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza, Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com