Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD50STEVAL Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXCD50STEVAL
Description  50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD50STEVAL Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXCD50STEVAL Datasheet HTML 1Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 2Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 3Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 4Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 5Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 6Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 7Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 8Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DESCRIPTION
The ZXCD50STEVAL evaluation board is based on the
ZXCD1000 Class D audio amplifier solution from Zetex.
This board allows the user to evaluate the high fidelity
audio performance offered by the Zetex solution, with
an output power up to 50W music power into 4 .
INTRODUCTION
The ZXCD50STEVAL is a 50W music power (4
load)
high performance class D amplifier. The circuitry
contains MOSFET devices and should therefore be
handled appropriately.
The board requires a single rail power supply of 13
volts minimum and 25 volts maximum. Voltages in
excess of 25 volts may cause permanent damage to the
board.
The heart of the solution is the ZXCD1000 class D
controller IC and the user should refer to the ZXCD1000
data sheet for further technical information. The circuit
features pop suppression and over current protection
as well as a mute facility.
FEATURES
• Stereo
• Class D architecture
• Single power supply
• Output power ( Vsupply = 25V)
50W music into 4
25W music into 8
• THD + N <0.5% @ 90% power
• >90% efficiency
• Flat frequency response 20Hz – 20 kHz
• Turn on / turn off pop suppression
• Over current protection
• Mute facility
• Noise floor –115dB
Note: The ZXCD50STEVAL is intended as an evaluation platform for Zetex
Class D solutions. Zetex accepts no liability for external equipment
connected to the ZXCD500STEVAL or any other form of consequential
damage or loss.
ZXCD50STEVAL
ISSUE 1 - JULY 2002
1
50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD


Similar Part No. - ZXCD50STEVAL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCD1000 ZETEX-ZXCD1000 Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16TA ZETEX-ZXCD1000EQ16TA Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
More results

Similar Description - ZXCD50STEVAL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
logo
Monolithic Power System...
EV7782DF-00A MPS-EV7782DF-00A Datasheet
321Kb / 5P
50W Class D Mono Bridged Audio Amplifier Evaluation Board
MP7782 MPS-MP7782 Datasheet
344Kb / 8P
50W Class D Mono Bridged Audio Amplifier
logo
Analog Devices
EVAL-SSM2301 AD-EVAL-SSM2301_15 Datasheet
496Kb / 8P
Evaluation Board for Filterless Class-D Audio Amplifier
Rev. 0
logo
Monolithic Power System...
EV1720DQ-009-00A MPS-EV1720DQ-009-00A Datasheet
323Kb / 6P
2.7W Low-EMI Mono Class D Audio Amplifier Evaluation Board
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7782DF-02 MPS-EV7782DF-02 Datasheet
403Kb / 6P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
EV7782DF-02B MPS-EV7782DF-02B Datasheet
537Kb / 7P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com