Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06M Datasheet(PDF) 15 Page - STMicroelectronics

Part # DF06M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF06M Datasheet(HTML) 15 Page - STMicroelectronics

Back Button DF06M Datasheet HTML 11Page - STMicroelectronics DF06M Datasheet HTML 12Page - STMicroelectronics DF06M Datasheet HTML 13Page - STMicroelectronics DF06M Datasheet HTML 14Page - STMicroelectronics DF06M Datasheet HTML 15Page - STMicroelectronics DF06M Datasheet HTML 16Page - STMicroelectronics DF06M Datasheet HTML 17Page - STMicroelectronics DF06M Datasheet HTML 18Page - STMicroelectronics DF06M Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
15/42
AN1262 APPLICATION NOTE
then the total power dissipation and the hot spot temperature rise will be respectively:
Finally, some suggestions on the transformer construction techniques. When building a transformer, the general
rule is to minimize parasitics, basically leakage inductance and winding capacitance.
In order for a transformer to meet isolation and safety norms, primary and secondary windings must be sepa-
rated by isolation layers, thus their coupling cannot be intimate. Moreover, in a margin wound construction the
entire window breadth cannot be used (2.5 to 3 mm margin on each side must be considered to achieve suffi-
cient creepage distance) thus the winding becomes shorter and thicker, which hurts coupling. This is why triple
insulation construction is recommended.
Figure 4. Interleaved winding technique
As a result, it is not possible to reduce leakage inductance below a certain extent. Practically, for a well assem-
bled transformer, leakage inductance will be about 1 to 3% of the primary inductance.
Interleaved windings technique (putting on half the primary turns first, then the secondary and finally the other
half of the primary, see fig. 4) may considerably reduce leakage inductance (theoretically almost four times).
The two primary halves must be series connected, never paralleled. Other tricks, such as spacing windings
evenly across a layer (when they do not completely fill it), or using multiple strands of wire, or keeping isolation
between windings to a minimum are also effective. Besides, the use of split bobbins is not recommended.
Primary winding capacitance is the major component of the Cdrain capacitance earlier mentioned. Besides con-
tributing to internal MOSFET power losses, it causes ringing and noise problems that may force the use of ad-
ditional damping networks to comply with EMC requirements.
To achieve a low capacitance, always wind first the primary winding and, in particular, the half whose end is to
be connected to the drain of the MOSFET. In this way the second half primary has a shielding effect that reduces
the capacitive coupling. In case of multiple layer windings, which exhibit higher capacitance, it is useful to embed
one layer of isolation between two adjacent winding layers. This, however, tends to increase leakage inductance
and therefore should be done with care.
P
tot
P
Fe
Rp Ip
RMS
2
Rs Is
RMS
2
+
+
=
T
P
tot
R
th
=
1/2 primary turns
1/2 primary turns
secondary turns
air gap on
centre leg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com