Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06M Datasheet(PDF) 31 Page - STMicroelectronics

Part # DF06M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF06M Datasheet(HTML) 31 Page - STMicroelectronics

Back Button DF06M Datasheet HTML 27Page - STMicroelectronics DF06M Datasheet HTML 28Page - STMicroelectronics DF06M Datasheet HTML 29Page - STMicroelectronics DF06M Datasheet HTML 30Page - STMicroelectronics DF06M Datasheet HTML 31Page - STMicroelectronics DF06M Datasheet HTML 32Page - STMicroelectronics DF06M Datasheet HTML 33Page - STMicroelectronics DF06M Datasheet HTML 34Page - STMicroelectronics DF06M Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31/42
AN1262 APPLICATION NOTE
The optimum value will be found empirically once the transformer construction has been frozen. Also the divider
RH, RL that sets the VCC voltage (and as a consequence, the output voltage) is likely to need adjustment after
bench verification. Some improvement in terms of load regulation can be achieved by using an inductor (typi-
cally, between 1 and 10
µH) instead of a resistor. Any inexpensive axial inductor able to carry few mA will serve
the purpose.
Figure 17. Leading Edge Blanking (LEB) circuit for leakage inductance spikes filtering
However, the most effective way to improve regulation is to use the circuit shown in figure 17, which blanks the
spike appearing at the leading edges of the voltage generated by the self-supply winding. This spike, due to the
transformer's leakage inductance, is the major responsible for the poor load regulation.
18
LAYOUT RECOMMENDATIONS
A proper printed circuit board (PCB) layout is essential for correct operation of any switch-mode converter and
this is true for the devices of the L6590 family as well. Careful component placing, correct traces routing, appro-
priate traces widths and compliance with isolation distances are the major issues.
Figure 18. Suggested ground routing for converters with secondary feedback.
Vcc
GND
L6590
L6590D
L6590A
1N4148
BC327
10 k
Ω
100 pF
22 µF
Iout [A]
Vout [V]
0.01
0.1
1
11
12
13
14
15
16
17
18
Rs
LEB
Vin
Vout
L6590
L6590D
L6590A
DRAIN
GND
COMP
Vcc
Vac
VFB
Primary Power GND
Secondary Signal GND
Primary Signal GND
One-point GND
BOK
Secondary Power GND
L6590A and
L6590D only
L6590 and
L6590D only
C
Y1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com