Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06M Datasheet(PDF) 21 Page - STMicroelectronics

Part # DF06M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF06M Datasheet(HTML) 21 Page - STMicroelectronics

Back Button DF06M Datasheet HTML 17Page - STMicroelectronics DF06M Datasheet HTML 18Page - STMicroelectronics DF06M Datasheet HTML 19Page - STMicroelectronics DF06M Datasheet HTML 20Page - STMicroelectronics DF06M Datasheet HTML 21Page - STMicroelectronics DF06M Datasheet HTML 22Page - STMicroelectronics DF06M Datasheet HTML 23Page - STMicroelectronics DF06M Datasheet HTML 24Page - STMicroelectronics DF06M Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21/42
AN1262 APPLICATION NOTE
Figure 8. Brownout protection circuit and timing diagram
15
CONTROL LOOP DESIGN
The control loop can be summarized as shown in figure 9, where each block is described by its transfer function
in the complex frequency domain represented by means of a Bode plot.
Figure 9. Control loop Block Diagram
The set PWM modulator + Power stage is what, in control theory terminology, is called the "plant", while the
compensated error amplifier is the "controller".
+
-
L6590A
L6590D
2.5 V
VinOK
50 µA
Vin
6.4 V
R1
R2
Vcc
Vin
VPKmin
Vinmin
VinOFF
VinON
VinOK
Vcc
PWM
Vout
OUTPUT
DIVIDER
+
-
Vref
Vo
COMPENSATED
ERROR AMPLIFIER
VCOMP
PWM MODULATOR
POWER STAGE
G2(j
ω)
Vin
D
G1(j
ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com