Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06M Datasheet(PDF) 26 Page - STMicroelectronics

Part # DF06M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF06M Datasheet(HTML) 26 Page - STMicroelectronics

Back Button DF06M Datasheet HTML 22Page - STMicroelectronics DF06M Datasheet HTML 23Page - STMicroelectronics DF06M Datasheet HTML 24Page - STMicroelectronics DF06M Datasheet HTML 25Page - STMicroelectronics DF06M Datasheet HTML 26Page - STMicroelectronics DF06M Datasheet HTML 27Page - STMicroelectronics DF06M Datasheet HTML 28Page - STMicroelectronics DF06M Datasheet HTML 29Page - STMicroelectronics DF06M Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
AN1262 APPLICATION NOTE
26/42
Figure 13. PWM gain reduction by RC (secondary feedback II).
A resistor RC in parallel to CCOMP, as shown in fig. 13, is useful to reduce the PWM gain ∆VCOMP/∆IC. In fact,
the resistor comes dynamically in parallel to RCOMP, thus reducing the equivalent value appearing at the numer-
ator of the gain. Moreover, since it diverts part of the current sourced by the pin COMP, the opto's transistor
carries less current and a slightly higher bias resistor RB can be used, thus giving some extra gain reduction.
An additional resistor, RB1, of some kΩ could be needed to guarantee sufficient bias to the TL431.
To be able to exploit the full dynamics of the error amplifier under worst case conditions, RC must not be lower
than 7 k
Ω, which reduces the gain by a 1/0.35 ≅ 2.86 factor. RC values lower than 7 kΩ will reduce the gain
further on but will reduce also the maximum duty cycle allowed (worst case). Depending on the maximum duty
cycle specified for a given application, this can be acceptable.
Table 17 summarizes the situation for different values of RC.
Table 17. PWM gain reduction for different RC values
In this case the design procedure outlined in table 16 should be slightly modified as shown in table 18.
RC (kΩ)RC // RCOMP (kΩ)
Dmax
PWM Gain
Reduction
KB
(RB multiplier)
Total Gain
Reduction
7.5
4.09
0.7
2.2
1.24
2.73
7
3.94
0.7
2.29
1.25
2.86
6.8
3.87
0.68
2.32
1.25
2.91
6.2
3.67
0.62
2.45
1.27
3.11
5.6
3.45
0.55
2.61
1.28
3.34
5.1
3.26
0.49
2.76
1.29
3.58
4.7
3.09
0.44
2.91
1.31
3.8
4.3
2.91
0.38
3.09
1.32
4.07
3.9
2.72
0.32
3.31
1.33
4.4
3.6
2.57
0.28
3.5
1.34
4.69
Vout
RB
RH
RL
TL431
CF
L6590
L6590D
L6590A
COMP
VK
IF
IC
CCOMP
VFB
Not needed
in the L6590A
RF
RC
RB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com