Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFS06M Datasheet(PDF) 12 Page - STMicroelectronics

Part # DFS06M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DFS06M Datasheet(HTML) 12 Page - STMicroelectronics

Back Button DFS06M Datasheet HTML 8Page - STMicroelectronics DFS06M Datasheet HTML 9Page - STMicroelectronics DFS06M Datasheet HTML 10Page - STMicroelectronics DFS06M Datasheet HTML 11Page - STMicroelectronics DFS06M Datasheet HTML 12Page - STMicroelectronics DFS06M Datasheet HTML 13Page - STMicroelectronics DFS06M Datasheet HTML 14Page - STMicroelectronics DFS06M Datasheet HTML 15Page - STMicroelectronics DFS06M Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
AN1262 APPLICATION NOTE
12/42
(6)
In this equation
∆T is the hot-spot temperature rise (located in the core center leg, where heat can be re-
moved more difficultly), defined as
∆T = Tmax - Tamb. For reliability reasons Tmax is usually limited at 100°C
where, by the way, ferrites usually feature minimum losses. Ku is the window utilization factor, that is the por-
tion of the total core window area occupied by the windings, which can be estimated equal to 0.4 for margin
wound construction and to 0.7 for triple insulated wire construction.
The smallest core with an AP greater then APmin will be chosen from the catalog data (the core list of table
10 can be used as a reference). If there is a core with an AP < APmin but very close to, it might be worthwhile
trying to design with this smaller core before trying the larger one.
2) Calculate the required minimum number of primary turns of the primary winding. It will be given by:
3) Define primary and secondary windings' turns number. In the case of single-output under consideration, the
secondary winding turns number Ns will be simply:
,
that is, the result of the division will be rounded up to the next larger integer. The actual primary turns will then
be calculated, rounding the result to the closest integer.
Np = [Ns · n + 0.5].
It can be convenient to round to the next even number when interleaved winding technique is to be used for
transformer construction, so as to split the primary in two equal halves.
4) Calculate the air gap length. The gap length (lg) needed to get the desired inductance Lp will be calculated
with the following empirical formula:
(7)
If the calculated value is not available as a standard part, if possible, the primary turns number can be adjust-
ed a little bit to get an off-the-shelf part.
The air gap should be located on the core center leg only, to minimize radiated fields. In prototyping, center
leg grinding to get nonstandard gap values can be avoided by keeping the two half-cores apart by about half
the calculated value with spacers.
5) Calculate transformer total losses. The allowed total transformer losses (Ptot) can be calculated by dividing
the hot-spot temperature rise
∆T by the thermal resistance of the wound core Rth(core):
If the manufacturer does not provide thermal data, Rth(core) can be estimated. It has been shown [1] that there
is a good correlation between core's area product and thermal resistance, regardless of its shape:
Rth(core) ≈ 23 · AP
-0.37
[°C/W];
Ap
min
10
3
L
p
Ip
RMS
T
1
2
---
K
u
B
max
⋅⋅
----------------------------------------




 1.316
cm
4
[]
=
Np
min
Lp 0.7
B
max
A
e
-------------------------
10
4
=
N
s
Np
n
--------
1
+
=
I
g
Lp
Np
2
----------
10
9
k1
---------



1
k2
------
mm
[]
=
P
tot
T
R
th c ore
()
-----------------------
W
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com