Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFS06M Datasheet(PDF) 16 Page - STMicroelectronics

Part # DFS06M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DFS06M Datasheet(HTML) 16 Page - STMicroelectronics

Back Button DFS06M Datasheet HTML 12Page - STMicroelectronics DFS06M Datasheet HTML 13Page - STMicroelectronics DFS06M Datasheet HTML 14Page - STMicroelectronics DFS06M Datasheet HTML 15Page - STMicroelectronics DFS06M Datasheet HTML 16Page - STMicroelectronics DFS06M Datasheet HTML 17Page - STMicroelectronics DFS06M Datasheet HTML 18Page - STMicroelectronics DFS06M Datasheet HTML 19Page - STMicroelectronics DFS06M Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
AN1262 APPLICATION NOTE
16/42
10
CLAMP CIRCUIT DESIGN
The drain pin of the IC needs to be properly clamped to prevent the spike due to the transformer leakage induc-
tance from exceeding the breakdown voltage (700V minimum). An RCD clamp (see fig. 5a) is a popular cheap
solution, however it dissipates power even under no-load conditions: there is at least the reflected voltage VR
across the clamp resistor at all times. If minimizing the light load losses is a must, the use of a zener or transil
clamp (see fig. 5b) is recommended whenever possible. Such circuit gives also a better defined clamping level
but dissipates more power at full load.
Figure 5. Suggested clamp circuit topologies
The clamp may not be necessary in a 110VAC operated converter but, before giving up this circuit, it is important
to check carefully the spike under overload and start-up conditions to make sure that the voltage rating of the
MOSFET is never exceeded.
RCD clamp. The clamp capacitor is charged by the energy stored in the leakage inductance and must ensure
that the maximum allowed overvoltage Vspike is never exceeded, even under short circuit conditions (when the
peak primary current is Ilim = 0.7 A). Its minimum value will be then:
The capacitor must be low-loss type (with polypropylene or polystyrene film dielectric) to reduce power dissipa-
tion and prevent overheating due to the high peak currents it experiences.
The minimum value of the clamp resistance is:
,
a)
R
C
D
RCD CLAMP
L6590
L6590D
L6590A
Drain
GND
b)
D
ZENER
CLAMP
DZ
Drain
GND
L6590
L6590D
L6590A
C
min
L
LK
I
lim
2
⋅
V
R
V
spik e
+
()
2
V
R
2
–
----------------------------------------------------
=
R
min
1
f
sw
C
min
1
V
sp ik e
V
R
----------------
+


ln
⋅⋅
-------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com