Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFS06M Datasheet(PDF) 14 Page - STMicroelectronics

Part # DFS06M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DFS06M Datasheet(HTML) 14 Page - STMicroelectronics

Back Button DFS06M Datasheet HTML 10Page - STMicroelectronics DFS06M Datasheet HTML 11Page - STMicroelectronics DFS06M Datasheet HTML 12Page - STMicroelectronics DFS06M Datasheet HTML 13Page - STMicroelectronics DFS06M Datasheet HTML 14Page - STMicroelectronics DFS06M Datasheet HTML 15Page - STMicroelectronics DFS06M Datasheet HTML 16Page - STMicroelectronics DFS06M Datasheet HTML 17Page - STMicroelectronics DFS06M Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
AN1262 APPLICATION NOTE
14/42
Table 11. Wire Table (RS-214). Copper wire. Heavy insulation.
Finally the total winding area must be checked to make sure they fit the bobbin window Aw:
Api · Nwp · Np + Asi · Nws · Ns ≤ Ku · Aw
(14)
where Api and Asi are the individual wire cross-section, primary and secondary respectively, including isola-
tion. If the above inequality is not verified there are the following options:
a) if Np is quite larger than Npmin, try decreasing Np and go back to step 3;
b) choose a smaller wire, recalculate Nwp and Nws and recheck window fitting;
c) use fewer wires in a strand accepting a likely larger temperature rise;
d) use the next size core and restart from step 2.
Finally, the auxiliary winding will be defined. It has not been considered before because it handles a very low
power, thus it will be made with a single thin wire (e.g. AWG32 or AWG33) which gives a negligible contribu-
tion to winding build and losses. Just the turns number needs to be defined:
(15)
where 0.7 V is the typical forward drop on the auxiliary (small signal) diode.
8) Calculate actual power dissipation and hot-spot temperature rise. The actual resistance of the primary and
secondary windings has to be calculated first:
;
,
AWG
Diameter
Copper
[cm]
Diameter
Insulated
[cm]
Area
Copper
[cm2]
Area
Insulated
[cm2]
22
0.064
0.071
0.003255
0.004013
23
0.057
0.064
0.002582
0.003221
24
0.051
0.057
0.002047
0.002586
25
0.045
0.051
0.001624
0.002078
26
0.040
0.046
0.001287
0.001671
27
0.036
0.041
0.001021
0.001344
28
0.032
0.037
0.000810
0.001083
29
0.029
0.033
0.000642
0.000872
30
0.025
0.030
0.000509
0.000704
31
0.023
0.027
0.000404
0.000568
32
0.020
0.024
0.000320
0.000459
33
0.018
0.022
0.000254
0.000371
N
aux
Ns
V
CC
0.7
+
V
out
V
F
+
--------------------------
=
Rp
ρ
100
Np L
t
Nw p Ap
Cu
-------------------------------
=
Rs
ρ
100
Ns L
t
Nws As
Cu
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com