Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFS06M Datasheet(PDF) 33 Page - STMicroelectronics

Part # DFS06M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DFS06M Datasheet(HTML) 33 Page - STMicroelectronics

Back Button DFS06M Datasheet HTML 29Page - STMicroelectronics DFS06M Datasheet HTML 30Page - STMicroelectronics DFS06M Datasheet HTML 31Page - STMicroelectronics DFS06M Datasheet HTML 32Page - STMicroelectronics DFS06M Datasheet HTML 33Page - STMicroelectronics DFS06M Datasheet HTML 34Page - STMicroelectronics DFS06M Datasheet HTML 35Page - STMicroelectronics DFS06M Datasheet HTML 36Page - STMicroelectronics DFS06M Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
33/42
AN1262 APPLICATION NOTE
must be placed in this region, except the above mentioned common mode suppression capacitor and any op-
tocoupler for secondary feedback.
Filling any unused space in the PCB with a ground plane helps reduce noise emission, but does not exempt
from using the above mentioned care in component placing and traces routing. For instance, if a signal ground
is connected to a ground plane along a pulsed current path between two components, (it is usually the most
direct one) noise will be injected into the signal circuitry.
Figure 20. Possible component placement.
19
TEST BOARD: DESIGN AND EVALUATION
In order to show how to proceed with the design of an application based on the L6590 family, the design of the
test board, used to evaluate the device's performance, will be illustrated in details. Finally, the resulting electrical
schematic and a bench evaluation of the test board will be presented. The electrical specifications of the test
board and some preliminary choices are listed in table 22. Table 23a) shows the results of some preliminary
calculations needed to go further with the design steps.
Table 22. Test board's electrical specification and pre-design choices
Electrical Specification
VACmin
88 V
Minimum mains voltage
VACmax
264 V
Maximum mains voltage
fL
60 Hz
Mains frequency (@ min. mains)
NH
0
Number of holdup cycles
Vout
5 V
Regulated output voltage
∆Vout%
2 %
Percent output voltage tolerance
(±)
Vr%
1 %
Percent output voltage ripple
Poutmax
10 W
Maximum output power
η
0,75
Expected converter efficiency
Tamb
40 °
Maximum ambient temperature
+
to input
bridge
signal
ground
+
jumper
Transformer
Cin
C
Y
L6590
L6590D
Csupply
Zener
clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com