Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # NX8564
Description  LASER DIODE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8564 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button NX8564 Datasheet HTML 6Page - Renesas Technology Corp NX8564 Datasheet HTML 7Page - Renesas Technology Corp NX8564 Datasheet HTML 8Page - Renesas Technology Corp NX8564 Datasheet HTML 9Page - Renesas Technology Corp NX8564 Datasheet HTML 10Page - Renesas Technology Corp NX8564 Datasheet HTML 11Page - Renesas Technology Corp NX8564 Datasheet HTML 12Page - Renesas Technology Corp NX8564 Datasheet HTML 13Page - Renesas Technology Corp NX8564 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet PL10186EJ03V0DS
8
NX8564/8565/8566LE Series
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Monitor PD: TLD = Tset, TC =
−20 to +70°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Monitor Current
Im
VRPD = 5 V, IFLD = Iop, VEA = 0 V
20
100
1 000
µA
Dark Current
ID
VRPD = 5 V, VEA = 0 V
10
nA
Terminal Capacitance
Ct
VRPD = 5 V, f = 1 MHz
15
pF
Tracking Error
γ *1
Im = const.
0.5
dB
*1 Tracking Error:
γ
Pf
(mW)
0
Im
Im
TLD = Tset, TC = 25˚C
TLD = Tset, TC = –20 to +70˚C
Pop
Pf
γ = 10 log
[dB]
Pf
Pop
ELECTRO-OPTICAL CHARACTERISTICS (Applicable to Thermistor and TEC: TC =
−20 to +70°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Thermistor Resistance
R
TLD = 25
°C
9.5
10.0
10.5
k
B Constant
B
3 350
3 450
3 550
K
TEC Current
IC
TLD = Tset
1.2
A
TEC Voltage
VC
TLD = Tset
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com