Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # NX8564
Description  LASER DIODE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8564 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button NX8564 Datasheet HTML 8Page - Renesas Technology Corp NX8564 Datasheet HTML 9Page - Renesas Technology Corp NX8564 Datasheet HTML 10Page - Renesas Technology Corp NX8564 Datasheet HTML 11Page - Renesas Technology Corp NX8564 Datasheet HTML 12Page - Renesas Technology Corp NX8564 Datasheet HTML 13Page - Renesas Technology Corp NX8564 Datasheet HTML 14Page - Renesas Technology Corp NX8564 Datasheet HTML 15Page - Renesas Technology Corp NX8564 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet PL10186EJ03V0DS
10
NX8564/8565/8566LE Series
600 km STANDARD FIBER TRANSMISSION EXAMPLE (NX8565LE Series)
Test Setup
TX
RX
EDFA
120 km
120 km
120 km
120 km
120 km
2.5 Gb/s
EDFA
EDFA
EDFA
EDFA
EDFA
–40
–38
–36
–34
–32
10
–6
10
–7
10
–8
10
–9
10
–10
10
–11
10
–12
ERROR RATE CHARACTERISTICS
Received Power (dBm)
–42
10
–5
10
–4
10
–13
back to back
after 600 km
EYE DIAGRAM
–30
–28
Back to Back (100 ps/div.)
After 600 km (100 ps/div.)
2.48832 Gb/s,
NRZ 2 VP-P,
PRBS 223–1,
Iop = 70 mA,
TC = 25˚C,
Vcenter = –1.2 V,
Vmod = 2.0 V
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com