Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # NX8564
Description  LASER DIODE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8564 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button NX8564 Datasheet HTML 7Page - Renesas Technology Corp NX8564 Datasheet HTML 8Page - Renesas Technology Corp NX8564 Datasheet HTML 9Page - Renesas Technology Corp NX8564 Datasheet HTML 10Page - Renesas Technology Corp NX8564 Datasheet HTML 11Page - Renesas Technology Corp NX8564 Datasheet HTML 12Page - Renesas Technology Corp NX8564 Datasheet HTML 13Page - Renesas Technology Corp NX8564 Datasheet HTML 14Page - Renesas Technology Corp NX8564 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet PL10186EJ03V0DS
9
NX8564/8565/8566LE Series
TYPICAL CHARACTERISTICS (TLD = Tset, TC = 25
°C, unless otherwise specified)
4.0
3.0
2.0
1.0
0
50
100
150
0
5
10
15
20
25
0
12
3
Forward Current IF (mA)
OPTICAL OUTPUT POWER FROM
FIBER (CW) vs. FORWARD CURRENT
EXTINCTION RATIO vs.
MODULATOR VOLTAGE
Reverse Voltage of Modulator VREA (V)
2.0
1.5
1.0
0.5
0
50
100
150
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
50
30
20
10
1
2
3
5
060
50
75
10
20
70
30
40
Ambient Temperature TA (˚C)
THERMISTOR RESISTANCE vs.
AMBIENT TEMPERATURE
SPECTRUM
Wavelength
λ (nm)
–10
–30
–50
–70
0
–20
–40
–60
1 540.0
1 550.0
1 560.0
1 555.0
1 545.0
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com