Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # NX8564
Description  LASER DIODE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8564 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button NX8564 Datasheet HTML 8Page - Renesas Technology Corp NX8564 Datasheet HTML 9Page - Renesas Technology Corp NX8564 Datasheet HTML 10Page - Renesas Technology Corp NX8564 Datasheet HTML 11Page - Renesas Technology Corp NX8564 Datasheet HTML 12Page - Renesas Technology Corp NX8564 Datasheet HTML 13Page - Renesas Technology Corp NX8564 Datasheet HTML 14Page - Renesas Technology Corp NX8564 Datasheet HTML 15Page - Renesas Technology Corp NX8564 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet PL10186EJ03V0DS
11
NX8564/8565/8566LE Series
EA MODULATOR INTEGRATED DFB-LD FAMILY
Absolute Maximum
Ratings
Electro-Optical
Characteristics
Part Number
TC
(
°C)
Tstg
(
°C)
Pf
*1
(mW)
λp
(nm)
Application
Package
MIN.
TYP.
NX8560LJ Series
−20 to +70
−40 to +85
−3 dBm
1 550
*2
10 Gb/s: STM-64
BFY with GPO
TM
−1 dBm
1 550
NX8560MC Series
0 to +75
−40 to +85
−1 dBm
1 550
10 Gb/s: STM-64
19-pin mini BFY
NX8560MCS Series
0 to +75
−40 to +85
−5 dBm
1 550
10 Gb/s: STM-64
19-pin mini BFY
NX8560SJ Series
−5 to +70
−40 to +85
−3 dBm
1 550
*2
10 Gb/s: STM-64
with
λ monitoring PD
BFY with GPO
NX8564LE Series
−20 to +70
−40 to +85
−5 dBm
1 550
*2
2.5 Gb/s: STM-16, 360 km
BFY
NX8565LE Series
−20 to +70
−40 to +85
−5 dBm
1 550
*2
2.5 Gb/s: STM-16, 600 km
BFY
NX8566LE Series
−20 to +70
−40 to +85
0 dBm
1 550
*2
2.5 Gb/s: STM-16, 240 km
BFY
NX8567SA Series
−5 to +70
−40 to +85
−5 dBm
1 550
*2
2.5 Gb/s: STM-16, 600 km
with
λ monitoring PD
BFY
NX8567SAM Series
−5 to +70
−40 to +85
−5 dBm
1 550
*2
2.5 Gb/s: STM-16, 360 km
with
λ monitoring PD
BFY
NX8567SAS Series
−5 to +70
−40 to +85
0 dBm
1 550
*2
2.5 Gb/s: STM-16, 240 km
with
λ monitoring PD
BFY
*1 Under modulation
*2 Available for DWDM Wavelengths based on ITU-T recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com