Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV97CE Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLV97CE
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV97CE Datasheet(HTML) 5 Page - NXP Semiconductors

  BLV97CE Datasheet HTML 1Page - NXP Semiconductors BLV97CE Datasheet HTML 2Page - NXP Semiconductors BLV97CE Datasheet HTML 3Page - NXP Semiconductors BLV97CE Datasheet HTML 4Page - NXP Semiconductors BLV97CE Datasheet HTML 5Page - NXP Semiconductors BLV97CE Datasheet HTML 6Page - NXP Semiconductors BLV97CE Datasheet HTML 7Page - NXP Semiconductors BLV97CE Datasheet HTML 8Page - NXP Semiconductors BLV97CE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
March 1993
5
Philips Semiconductors
Product specification
UHF power transistor
BLV97CE
APPLICATION INFORMATION
RF performance in a common emitter test circuit.
Th =25 °C, Rth mb-h = 0.4 K/W unless otherwise specified.
MODE OF OPERATION
f (MHz)
VCE (V)
IC(ZS) (mA)
PL (W)
GP (dB)
ηc (%)
c.w. class-AB
960
24
60
35
> 7
typ. 8.5
> 50
typ. 55
Fig.6
Power gain and efficiency as a function of
load power; typical values.
handbook, halfpage
0
12
8
4
0
10
20
40
60
0
PL (W)
Gp
(dB)
20
40
30
MDA445
Gp
η
(%)
η
Ruggedness in class-AB operation
The BLV97CE is capable of withstanding a load mismatch
corresponding to VSWR = 50 through all phases, under
the following conditions: VCE = 24 V; IC(ZS) = 120 mA;
f = 960 MHz at rated output power.
Fig.7
Load power as a function of input power;
typical values.
handbook, halfpage
02
PS (W)
48
50
0
40
6
30
20
10
PL
(W)
MDA446



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com