Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV97CE Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLV97CE
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV97CE Datasheet(HTML) 3 Page - NXP Semiconductors

  BLV97CE Datasheet HTML 1Page - NXP Semiconductors BLV97CE Datasheet HTML 2Page - NXP Semiconductors BLV97CE Datasheet HTML 3Page - NXP Semiconductors BLV97CE Datasheet HTML 4Page - NXP Semiconductors BLV97CE Datasheet HTML 5Page - NXP Semiconductors BLV97CE Datasheet HTML 6Page - NXP Semiconductors BLV97CE Datasheet HTML 7Page - NXP Semiconductors BLV97CE Datasheet HTML 8Page - NXP Semiconductors BLV97CE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
March 1993
3
Philips Semiconductors
Product specification
UHF power transistor
BLV97CE
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector base voltage
open emitter
−
50
V
VCEO
collector emitter voltage
open base
−
27
V
VEBO
emitter base voltage
open collector
−
3.5
V
IC
collector current
DC or average
−
3A
ICM
collector current
peak value
f
> 1 MHz
−
9A
Ptot
total power dissipation
f
> 1 MHz
Tmb =25 °C
−
70
W
Tstg
storage temperature
−65
150
°C
Tj
operating junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Rthj-mb
from junction to mounting base (RF)
−
2.3
K/W
Rth mb-h
from mounting base to heatsink
−
0.4
K/W
Fig.2 DC SOAR.
handbook, halfpage
10
1
10−1
MDA441
110
VCE (V)
IC
(A)
102
Th = 70 °C
Tmb = 25 °C
Fig.3
Power/temperature derating;
I: DC or RF operation;
II: short-term operation during mismatch.
handbook, halfpage
0
II
I
40
80
Ptot
(W)
Th (°C)
160
100
0
80
120
60
40
20
MDA442



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com