Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV97CE Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLV97CE
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV97CE Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLV97CE Datasheet HTML 3Page - NXP Semiconductors BLV97CE Datasheet HTML 4Page - NXP Semiconductors BLV97CE Datasheet HTML 5Page - NXP Semiconductors BLV97CE Datasheet HTML 6Page - NXP Semiconductors BLV97CE Datasheet HTML 7Page - NXP Semiconductors BLV97CE Datasheet HTML 8Page - NXP Semiconductors BLV97CE Datasheet HTML 9Page - NXP Semiconductors BLV97CE Datasheet HTML 10Page - NXP Semiconductors BLV97CE Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
March 1993
7
Philips Semiconductors
Product specification
UHF power transistor
BLV97CE
List of components (Fig.9)
Notes
1. ATC capacitor type 100B or capacitor of the same quality.
2. ATC capacitor type 100A or capacitor of the same quality.
3. The microstrips are on a double copper-clad PCB with PTFE fibre-glass dielectric (
ε
r = 2.2); thickness
1
⁄32 inch.
DESIGNATION
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C18
multilayer ceramic chip capacitor
note 1
33 pF
C2, C3, C16,
C17
film dielectric trimmer
1.4 to 5.5 pF
2222 809 09001
C5, C6
multilayer ceramic chip capacitor
note 2
3.3 pF
C7, C11
multilayer ceramic chip capacitor
note 1
10 pF
C8
multilayer ceramic chip capacitor
100 nF
C9
35 V solid aluminium capacitor
2.2
µF
2222 128 50228
C10
multilayer ceramic chip capacitor
3
× 100 nF
in parallel
C12, C13
multilayer ceramic chip capacitor
note 2
12 pF
C14, C15
multilayer ceramic chip capacitor
note 1
3.3 pF
L1, L12
microstrip
note 3
50
Ω
26
× 2.4 mm
L2, L3
microstrip
note 3
50
Ω
9.5
× 2.4 mm
L4
microstrip
note 3
42.6
Ω
6.0
× 3.0 mm
L5
3 turns enamelled 1 mm copper wire
30 nH
int. dia. 4 mm
length 3 mm
leads 2
× 5 mm
L6, L7
grade 3B ferroxcube wide-band RF
choke
4312 020 36642
L8
4 turns enamelled 1 mm copper wire
45 nH
int. dia. 4 mm
length 4 mm
leads 2
× 5 mm
L9
microstrip
note 3
42.6
Ω
4.0
× 3.0 mm
L10
microstrip
note 3
50
Ω
9.0
× 2.4 mm
L11
microstrip
note 3
50
Ω
13.5
× 2.4 mm
R1, R2
1 W metal film resistor
10
Ω
2322 153 51009



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com