Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV97CE Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLV97CE
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV97CE Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLV97CE Datasheet HTML 3Page - NXP Semiconductors BLV97CE Datasheet HTML 4Page - NXP Semiconductors BLV97CE Datasheet HTML 5Page - NXP Semiconductors BLV97CE Datasheet HTML 6Page - NXP Semiconductors BLV97CE Datasheet HTML 7Page - NXP Semiconductors BLV97CE Datasheet HTML 8Page - NXP Semiconductors BLV97CE Datasheet HTML 9Page - NXP Semiconductors BLV97CE Datasheet HTML 10Page - NXP Semiconductors BLV97CE Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
March 1993
9
Philips Semiconductors
Product specification
UHF power transistor
BLV97CE
Fig.10 Input impedance; series components;
VCE = 24 V; PL = 35 W; Rth mb-h = 0.4 K/W;
typical values.
handbook, halfpage
0
2
4
6
8
10
800
850
900
950
1000
f (MHz)
Xi
Ri
Zi
(
Ω)
MRA176
Fig.11 Load impedance; series components;
VCE = 24 V; PL = 35 W; Rth mb-h = 0.4 K/W;
typical values.
handbook, halfpage
0
1
2
3
4
−1
800
850
900
950
1000
f (MHz)
MRC177
XL
RL
ZL
(
Ω)
Fig.12 Power gain; class-AB operation;
VCE = 24 V; PL = 35 W; Rth mb-h = 0.4 K/W;
typical values.
handbook, halfpage
0
4
8
12
800
850
900
950
1000
f (MHz)
GP
(dB)
MRC175



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com