Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992BBCZRL Datasheet(PDF) 32 Page - Analog Devices

Part # AD9992BBCZRL
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZRL Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9992BBCZRL Datasheet HTML 28Page - Analog Devices AD9992BBCZRL Datasheet HTML 29Page - Analog Devices AD9992BBCZRL Datasheet HTML 30Page - Analog Devices AD9992BBCZRL Datasheet HTML 31Page - Analog Devices AD9992BBCZRL Datasheet HTML 32Page - Analog Devices AD9992BBCZRL Datasheet HTML 33Page - Analog Devices AD9992BBCZRL Datasheet HTML 34Page - Analog Devices AD9992BBCZRL Datasheet HTML 35Page - Analog Devices AD9992BBCZRL Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
AD9992
Rev. C | Page 32 of 92
XV1
XV8
HD
XV9
XV10
XV1 TO XV8 USE
V-PATTERN GROUP A
XV9, XV10 USE
V-PATTERN GROUP B
Figure 36. Using Separate Group A and Group B V-Patterns
XV1
XV24
HD
V-PATTERN GROUP A
V-PATTERN GROUP B
V-PATTERN GROUP C
V-PATTERN GROUP D
Figure 37. Combining Multiple V-Patterns Using CONCAT_GRP = 1
XV1
XV10
HD
V-PATTERN GROUP A V-PATTERN GROUP B
GROUP A REP 1
GROUP A REP 2
GROUP A REP 3
Figure 38. Combining Group A and Group B V-Patterns with Repetition
Group A/Group B/Group C/Group D Selection
The AD9992 has the flexibility to use four different V-pattern
groups in a vertical sequence. In general, the vertical outputs
use the same V-pattern group during a particular sequence. It is
possible to assign some of the outputs to a different V-pattern
group, which can be useful in certain CCD readout modes.
The GROUPSEL registers are used to select Group A, Group B,
Group C, or Group D for each V-output. In general, only a single
V-pattern group is needed for the vertical outputs; therefore,
Group A should be selected for all outputs by default
(GROUPSEL_0, GROUPSEL_1 = 0x00). In this configuration,
all outputs use the V-pattern group specified by the VPATSELA
register.
If additional flexibility is needed, some outputs can be set to
Group B, Group C, or Group D in the GROUPSEL registers.
In this case, those selected outputs use the V-pattern group
specified by the VPATSELB, VPATSELC, or VPATSELD
registers. Figure 36 shows an example where outputs XV9 and
XV10 are using a separate V-Pattern Group B to perform
special CCD timing.
Another application of the Group A, Group B, Group C, and
Group D registers is to combine up to four different V-pattern
groups together for more complex patterns. This is accom-
plished by setting the CONCAT_GRP register (Address 0x00,
Bits [13:10]) equal to 0x01. This setting combines the toggle
positions from the V-pattern groups specified by the VPATSELA,
VPATSELB, VPATSELC, and VPATSELD registers for a maximum
of up to 16 toggle positions. Example timing for the CONCAT_
GRP = 1 feature is shown in Figure 37.
If only two groups are needed (up to eight toggle positions) for
the specified timing, the VPATSELB, VPATSELC, and
VPATSELD registers can be programmed to the same value.
If only three groups are needed, VPATSELC and VPATSELD
can be programmed to the same value. Following this approach



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com