Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992BBCZRL Datasheet(PDF) 14 Page - Analog Devices

Part # AD9992BBCZRL
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZRL Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9992BBCZRL Datasheet HTML 10Page - Analog Devices AD9992BBCZRL Datasheet HTML 11Page - Analog Devices AD9992BBCZRL Datasheet HTML 12Page - Analog Devices AD9992BBCZRL Datasheet HTML 13Page - Analog Devices AD9992BBCZRL Datasheet HTML 14Page - Analog Devices AD9992BBCZRL Datasheet HTML 15Page - Analog Devices AD9992BBCZRL Datasheet HTML 16Page - Analog Devices AD9992BBCZRL Datasheet HTML 17Page - Analog Devices AD9992BBCZRL Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
AD9992
Rev. C | Page 14 of 92
SYSTEM OVERVIEW
Figure 12 shows the typical system block diagram for the AD9992
in master mode. The CCD output is processed by AD9992 AFE
circuitry, which consists of a CDS, VGA, black level clamp, and
ADC. The digitized pixel information is sent to the digital
image processor chip, which performs the postprocessing and
compression. To operate the CCD, all CCD timing parameters
are programmed into the AD9992 from the system microprocessor
through the 3-wire serial interface. The AD9992 generates the
CCD’s horizontal and vertical clocks and internal AFE clocks
from the master clock, CLI, which is provided by the image
processor or external crystal,. External synchronization is provided
by a sync pulse from the microprocessor, which resets the
internal counters and resyncs the VD and HD outputs.
CCDIN
GPO1 TO GPO8
H1 TO H8, HL,
RG
XV1 TO XV24, XSUBCK
CCD
AD9992
AFETG
DIGITAL
IMAGE
PROCESSING
ASIC
DOUT
DCLK
HD, VD
CLI
SERIAL
INTERFACE
SYNC
MICROPROCESSOR
V-DRIVER
Figure 12. Typical System Block Diagram, Master Mode
Alternatively, the AD9992 can operate in slave mode. In slave
mode, the VD and HD are provided externally from the image
processor, and all AD9992 timing synchronizes with VD and HD.
H-drivers for H1 to H8, HL, and RG are included in the AD9992,
allowing these clocks to be directly connected to the CCD.
An H-driver voltage of up to 3.3 V is supported. An external
V-driver is required for the vertical transfer clocks, the sensor
gate pulses, and the substrate clock.
The AD9992 includes programmable general-purpose outputs
(GPO), which can trigger mechanical shutter and strobe (flash)
circuitry.
Figure 13 and Figure 14 show the maximum horizontal and
vertical counter dimensions for the AD9992. All internal
horizontal and vertical clocking is controlled by these counters,
which specify line and pixel locations. Maximum HD length
is 8192 pixels per line; maximum VD length is 8192 lines per field.
13-BIT HORIZONTAL = 8192 PIXELS MAX
13-BIT VERTICAL = 8192 LINES MAX
MAXIMUM COUNTER DIMENSIONS
Figure 13. Vertical and Horizontal Counters
VD
HD
MAX VD LENGTH IS 8192 LINES
CLI
MAX HD LENGTH IS 8192 PIXELS
Figure 14. Maximum VD/HD Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com