Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992BBCZRL Datasheet(PDF) 16 Page - Analog Devices

Part # AD9992BBCZRL
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZRL Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9992BBCZRL Datasheet HTML 12Page - Analog Devices AD9992BBCZRL Datasheet HTML 13Page - Analog Devices AD9992BBCZRL Datasheet HTML 14Page - Analog Devices AD9992BBCZRL Datasheet HTML 15Page - Analog Devices AD9992BBCZRL Datasheet HTML 16Page - Analog Devices AD9992BBCZRL Datasheet HTML 17Page - Analog Devices AD9992BBCZRL Datasheet HTML 18Page - Analog Devices AD9992BBCZRL Datasheet HTML 19Page - Analog Devices AD9992BBCZRL Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
AD9992
Rev. C | Page 16 of 92
H-Driver and RG Outputs
In addition to the programmable timing positions, the AD9992
features on-chip output drivers for the RG, HL, and H1 to H8
outputs. These drivers are powerful enough to drive the CCD
inputs directly. The H-driver and RG current can be adjusted
for optimum rise/fall time for a particular load by using the drive
strength control registers (Address 0x35 and Address 0x36).
The 3-bit drive setting for each output is adjustable in 4.3 mA
increments: 0 = three-state; 1 = 4.3 mA; 2 = 8.6 mA; 3 = 12.9 mA;
and 4, 5, 6, 7 = 17.2 mA.
As shown in Figure 16, when HCLK Mode 1 is used, the H2,
H4, H6, and H8 outputs are inverses of the H1, H3, H5, and H7
outputs, respectively. Using the HCLKMODE register (Address
0x23, Bits [9:7]), it is possible to select a different configuration.
Table 9 shows a comparison of the different programmable
settings for each HCLK mode. Figure 17 and Figure 18 show
the settings for HCLK Mode 2 and HCLK Mode 3, respectively.
It is recommended that all H1 to H8 outputs on the AD9992
be used together for maximum flexibility in drive strength
settings. A typical CCD with H1 and H2 inputs should only
have the AD9992 H1, H3, H5, and H7 outputs connected
together to drive the CCD’s H1, and the H2, H4, H6, and H8
outputs connected together to drive the CCD’s H2. Similarly,
a CCD with H1, H2, H3, and H4 inputs should have
•
H1 and H3 connected to the CCD’s H1.
•
H2 and H4 connected to the CCD’s H2.
•
H5 and H7 connected to the CCD’s H3.
•
H6 and H8 connected to the CCD’s H4.
Table 8. Timing Core Register Parameters for H1, H2, HL, RG, SHP, SHD
Parameter
Length
Range
Description
Polarity
1b
High/low
Polarity control for H1, H2, HL, and RG (0 = inversion, 1 = no inversion)
Positive Edge
6b
0 to 63 edge location
Positive edge location for H1, H2, HL, and RG
Negative Edge
6b
0 to 63 edge location
Negative edge location for H1, H2, HL, and RG
Sampling Location
6b
0 to 63 edge location
Sampling location for internal SHP and SHD signals
Drive Strength
3b
0 to 4 current steps
Drive current for H1 to H8 , HL, and RG outputs (4.3 mA per step)
Table 9. HCLK Modes, Selected by Address 0x23, Bits[9:7]
HCLKMODE
Register Value
Description
Mode 1
001
H1 edges are programmable, with H3 = H5 = H7 = H1, H2 = H4 = H6 = H8 = inverse of H1
Mode 2
010
H1 edges are programmable, with H3 = H5 = H7 = H1
H2 edges are programmable, with H4 = H6 = H8 = H2
Mode 3
100
H1 edges are programmable, with H3 = H1 and H2 = H4 = inverse of H1
H5 edges are programmable, with H7 = H5 and H6 = H8 = inverse of H5
Invalid Selection
000, 011, 101, 110, 111
Invalid register settings
12
43
H1 TO H8 PROGRAMMABLE LOCATIONS:
1H1 RISING EDGE.
2H1 FALLING EDGE.
3H2 RISING EDGE.
4H2 FALLING EDGE.
H2, H4, H6, H8
H1, H3, H5, H7
Figure 17. HCLK Mode 2 Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com