Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992BBCZRL Datasheet(PDF) 3 Page - Analog Devices

Part # AD9992BBCZRL
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZRL Datasheet(HTML) 3 Page - Analog Devices

  AD9992BBCZRL Datasheet HTML 1Page - Analog Devices AD9992BBCZRL Datasheet HTML 2Page - Analog Devices AD9992BBCZRL Datasheet HTML 3Page - Analog Devices AD9992BBCZRL Datasheet HTML 4Page - Analog Devices AD9992BBCZRL Datasheet HTML 5Page - Analog Devices AD9992BBCZRL Datasheet HTML 6Page - Analog Devices AD9992BBCZRL Datasheet HTML 7Page - Analog Devices AD9992BBCZRL Datasheet HTML 8Page - Analog Devices AD9992BBCZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
AD9992
Rev. C | Page 3 of 92
SPECIFICATIONS
Table 1.
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
−25
+85
°C
Storage
−65
+150
°C
POWER SUPPLY VOLTAGE INPUTS
AVDD (AFE Analog Supply)
1.6
1.8
2.0
V
TCVDD (Timing Core Supply)
1.6
1.8
2.0
V
CLIVDD (CLI Input Supply)
1.6
3.0
3.6
V
RGVDD (RG, HL Driver)
2.7
3.0
3.6
V
HVDD1/HVDD2 (H1 to H8 Drivers)1
2.7
3.0
3.6
V
DVDD (Digital Logic)
1.6
1.8
2.0
V
DRVDD (Parallel Data Output Drivers)
1.6
3.0
3.6
V
IOVDD (Digital I/O)
1.6
3.0
3.6
V
XVVDD (Vertical Output Drivers)
1.6
3.0
3.6
V
CP1P8 (CP Supply Input)
1.6
1.8
2.0
V
LDOIN (LDO Supply Input)
2.25
3.0
3.6
V
POWER SUPPLY CURRENTS—40 MHz OPERATION
AVDD (1.8 V)
27
mA
TCVDD (1.8 V)
5
mA
CLIVDD (3 V)
1.5
mA
RGVDD (3.3 V, 20 pF RG Load, 20 pF HL Load)
10
mA
HVDD1/HVDD2 (3.3 V, 480 pF Total Load on H1 to H8)1
59
mA
DVDD (1.8 V)
9.5
mA
DRVDD (3 V, 10 pF Load on Each DOUT Pin)
6
mA
IOVDD (3 V, Depends on Load and Output Frequency of Digital I/O)
2
mA
XVVDD (3 V, Depends on Load and Output Frequency of XV Signals)
2
mA
POWER SUPPLY CURRENTS—STANDBY MODE OPERATION
Standby1 Mode
12
mA
Standby2 Mode
5
mA
Standby3 Mode
1.5
mA
MAXIMUM CLOCK RATE (CLI)
40
MHz
1 The total power dissipated by the HVDD (or RGVDD) supply can be approximated using the equation
Total HVDD Power = [CL × HVDD × Pixel Frequency] × HVDD
Reducing the capacitive load and/or reducing the HVDD supply reduces the power dissipation. CL is the total capacitance seen by all H-outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com