Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP606
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP606 Datasheet HTML 1Page - Analog Devices ADCMP606 Datasheet HTML 2Page - Analog Devices ADCMP606 Datasheet HTML 3Page - Analog Devices ADCMP606 Datasheet HTML 4Page - Analog Devices ADCMP606 Datasheet HTML 5Page - Analog Devices ADCMP606 Datasheet HTML 6Page - Analog Devices ADCMP606 Datasheet HTML 7Page - Analog Devices ADCMP606 Datasheet HTML 8Page - Analog Devices ADCMP606 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADCMP606/ADCMP607
Preliminary Technical Data
Rev. PrA | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AC PERFORMANCE
Propagation Delay
tPD
VCC = 2.5 V to 5.5 V,
VOD = 5 mV
1
ns
VCC = 2.5 V to 5.5 V,
VOD = 200 mV
1
ns
Propagation Delay Skew—Rising to
Falling Transition
VOD = 5 mV
40
ps
Overdrive Dispersion
10 mV < VOD < 2.5 V
TBD
ps
5 mV < VOD < 2.5 V
TBD
ps
Slew Rate Dispersion
0.05 V/ns to 2.5 V/ns
TBD
ps
Pulse-Width Dispersion
300 ps to 20 ns
TBD
ps
10% to 90% Duty Cycle Dispersion
1 V/ns, VCM = 2.5 V
TBD
ps
Common-Mode Dispersion
0 < VCM < VCC
TBD
ps
Toggle Rate
>50% output swing
TBD
Gbps
Deterministic Jitter
CML Outputs
DJ
VOD = 200 mV, 5 V/ns,
PRBS31 − 1 NRZ, 0.25 Gbps
TBD
ps
RMS Random Jitter
RJ
VOD = 200 mV, 5 V/ns,
PRBS31 − 1 NRZ, 0.525 Gbps
TBD
ps
Minimum Pulse Width
PWMIN
∆tPD/∆PW < 50 ps
300
ps
Rise Time
tR
10% to 90%
150
ps
Fall Time
tF
10% to 90%
150
ps
Output skew
tSKEW
50%
20
ps
POWER SUPPLY
Input Supply Voltage Range
VCCI
2.5
5.5
V
Output Supply Voltage Range
VCCO
2.5
5.5
V
Positive Supply Differential
(ADCMP607)
VCCI −
VCCO
Operating
−3.0
+3.0
V
Positive Supply Differential
(ADCMP607)
VCCI −
VCCO
Nonoperating
−5.5
+5.5
V
Positive Supply Current
IVCC
VCC = 2.5 V
23
mA
Positive Supply Current
IVCC
VCC = 5.5 V
25
mA
Input Section Supply Current
(ADCMP607)
IVCCI
VCCI = 2.5 V to 5 V
0.8
mA
Output Section Supply Current
(ADCMP607)
IVCCO
VCCI = 2.5 V to 5.5 V
22.5
mA
Power Dissipation
PD
VCC = 2.5 V
57
mW
PD
VCC = 5.5 V
125
mW
Power Supply Rejection
PSRR
VCCI = 2.5 V to 5 V
−50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com