Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP606
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP606 Datasheet HTML 1Page - Analog Devices ADCMP606 Datasheet HTML 2Page - Analog Devices ADCMP606 Datasheet HTML 3Page - Analog Devices ADCMP606 Datasheet HTML 4Page - Analog Devices ADCMP606 Datasheet HTML 5Page - Analog Devices ADCMP606 Datasheet HTML 6Page - Analog Devices ADCMP606 Datasheet HTML 7Page - Analog Devices ADCMP606 Datasheet HTML 8Page - Analog Devices ADCMP606 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
ADCMP606/ADCMP607
Rev. PrA | Page 3 of 16
ELECTRICAL CHARACTERISTICS
VCCI = VCCO = 3.0 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS
Voltage Range
VP, VN
VCC = 2.5 V to 5.5 V
−0.5
VCC + 0.5 V
V
Common-Mode Range
VCC = 2.5 V to 5.5 V
−0.2
VCC + 0.2 V
V
Differential Voltage
VCC = 2.5 V to 5.5 V
VCC
V
Offset Voltage
VOS
−5.0
+5.0
mV
Bias Current
IP, IN
−5.0
±2
+5.0
μA
Offset Current
2.0
2.0
μA
Capacitance
CP, CN
TBD
pF
Resistance, Differential Mode
0.1 V to VCC
100
kΩ
Resistance, Common Mode
−0.5 V to VCC + 0.5 V
100
kΩ
Active Gain
AV
54
dB
VCCI = 2.5 V, VCCO = 2.5 V,
VCM = −0.2 V to 2.7 V
50
dB
Common-Mode Rejection
CMRR
VCCI = 5.5 V, VCCO = 5.5 V,
VCM = −0.2 V to 5.7 V
60
dB
Hysteresis
RHYS = ∞
0.1
mV
LATCH ENABLE PIN CHARACTERISTICS
(ADCMP606 Only)
VIH
Hysteresis is shut off
2.0
VCC
V
VIL
Latch mode guaranteed
−0.2
+0.4
+0.8
V
IIH
VIH = VCC
0.2
mA
IOL
VIL = 0.4 V
−0.2
mA
HYSTERESIS MODE AND TIMING
Hysteresis Mode Bias Voltage
Current sink 0 μA
1.145
1.25
1.35
V
Minimum Resistor Value
Hysteresis = 16 mV
150
kΩ
Latch Setup Time
tS
VOD = 100 mV
8
ns
Latch Hold Time
tH
VOD = 100 mV
5
ns
Latch-to-Output Delay
tPLOH, tPLOL
VOD = 100 mV
1
ns
Latch Minimum Pulse Width
tPL
VOD = 100 mV
1
ns
SHUTDOWN PIN CHARACTERISTICS
(ADCMP607 Only)
VIH
Comparator is operating
2.0
VCCO
V
VIL
Shutdown guaranteed
−0.2
+0.4
+0.6
V
IIH
VIH = VCC
0.3
mA
IOL
VIL = 0 V
−0.3
mA
Sleep Time
tSD
ICC < 500 μA
50
ns
Wake-Up Time
tH
VOD = 10 mV, output valid
80
ns
DC OUTPUT CHARACTERISTICS
VCCO = 2.5 V to 5.5 V
Output Voltage High Level
VOH
RI = 50 Ω, VCCO = 2.5 V
VCC − 0.1
VCC + 0.1
V
Output Voltage Low Level
VOL
RI = 50 Ω, VCCO = 2.5 V
VCC − 0.35
VCC − 0.5
V
Minimum Output Low Level
(ADCMP607)
VCCI = 2.5 V, TA = −40°C
(internal termination only)
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com