Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP606
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP606 Datasheet HTML 7Page - Analog Devices ADCMP606 Datasheet HTML 8Page - Analog Devices ADCMP606 Datasheet HTML 9Page - Analog Devices ADCMP606 Datasheet HTML 10Page - Analog Devices ADCMP606 Datasheet HTML 11Page - Analog Devices ADCMP606 Datasheet HTML 12Page - Analog Devices ADCMP606 Datasheet HTML 13Page - Analog Devices ADCMP606 Datasheet HTML 14Page - Analog Devices ADCMP606 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
ADCMP606/ADCMP607
Rev. PrA | Page 11 of 16
CROSSOVER BIAS POINT
maximum hysteresis that can be applied using this pin is
approximately 160 mV. Figure 18 illustrates the amount of
hysteresis applied as a function of the external resistor value,
and Figure TBD illustrates hysteresis as a function of the current.
In both op amps and comparators, rail-to-rail inputs of this type
have a dual front-end design. Certain devices are active near the
VCC rail and others are active near the VEE rail. At some predeter-
mined point in the common-mode range, a crossover occurs. At
this point, normally V
The hysteresis control pin appears as a 1.25 V bias voltage seen
through a series resistance of 7k ± 20% throughout the hysteresis
control range. The advantages of applying hysteresis in this manner
are improved accuracy, improved stability, reduced component
count, and maximum versatility. An external bypass capacitor is
not recommended on the HYS pin because it impairs the latch
function and often degrades the jitter performance of the device.
As described in the
CC
/2, the direction of the bias current reverses
and the measured offset voltages and currents change.
The ADCMP606/ADCMP607 slightly elaborate on this scheme.
With VCC less than 4 V, this crossover is at the expected VCC/2,
but with VCC greater than 4 V, the crossover point instead follows
VCC 1:1, bringing it to approximately 3 V with VCC at 5 V. This
means that at any voltage, the comparator input characteristics
more closely resemble the inputs of nonrail-to-rail ground
sensing comparators, such as the AD8611.
Using/Disabling the Latch Feature section,
hysteresis control need not compromise the latch function.
MINIMUM INPUT SLEW RATE REQUIREMENT
(Remove if device is stable.)
As with most high speed comparators without hysteresis, a
minimum slew rate must be met to ensure that the device does not
oscillate as the input signal crosses the threshold. This oscillation
is due in part to the high input bandwidth of the comparator in
combination with feedback parasitics inherent in the package
and PC board. A minimum slew rate of TBD V/μs ensures clean
output transitions from the ADCMP606/ADCMP607 comparators
unless hysteresis is programmed. In many applications, chattering
due to the absence of hysteresis is not harmful.
Figure 18. Hysteresis vs. R
Control Resistor
HYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com