Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP606 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP606
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP606 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP606 Datasheet HTML 5Page - Analog Devices ADCMP606 Datasheet HTML 6Page - Analog Devices ADCMP606 Datasheet HTML 7Page - Analog Devices ADCMP606 Datasheet HTML 8Page - Analog Devices ADCMP606 Datasheet HTML 9Page - Analog Devices ADCMP606 Datasheet HTML 10Page - Analog Devices ADCMP606 Datasheet HTML 11Page - Analog Devices ADCMP606 Datasheet HTML 12Page - Analog Devices ADCMP606 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Technical Data
ADCMP606/ADCMP607
Rev. PrA | Page 9 of 16
APPLICATION INFORMATION
POWER/GROUND LAYOUT AND BYPASSING
If these high speed signals must be routed more than a
centimeter, then either microstrip or strip line techniques are
required to ensure proper transition times and to prevent
excessive output ringing and pulse-width-dependent
propagation delay dispersion.
The ADCMP606 and ADCMP607 comparators are very high
speed devices. Despite the low noise output stage, it is essential
to use proper high speed design techniques to achieve the
specified performance. Because comparators are
uncompensated amplifiers, feedback in any phase relationship is
likely to cause oscillations or undesired hysteresis. Of critical
importance is the use of low impedance supply planes,
particularly the output supply plane (V
It is also possible to operate the outputs with only the internal
termination if greater output swing is desired. This can be
especially useful for driving inputs on CMOS devices intended
for full swing ECL and PECL. V
CCO
) and the ground
plane (GND). Individual supply planes are recommended as
part of a multilayer board. Providing the lowest inductance
return path for switching currents ensures the best possible
performance in the target application.
CCO
must be kept high enough
that the specified minimum output low level (see the Electrical
Characteristics section) is not violated and the line length
driven is as short as possible.
USING/DISABLING THE LATCH FEATURE
It is also important to adequately bypass the input and output
supplies. Multiple high quality 0.01 μF bypass capacitors should
be placed as close as possible to each of the V
The latch input of the ADCMP607 is designed for maximum
versatility. It can safely be left floating, or it can be driven low by
any standard TTL/CMOS device as a high speed latch.
CCI
and VCCO supply
pins and should be connected to the GND plane with redundant
vias. At least one of these should be placed to provide a physically
short return path for output currents flowing back from ground
to the V
In addition, the pin can be operated as a hysteresis control pin
with a bias voltage of 1.25 V nominal and an input resistance of
approximately 7000 Ω, allowing the comparator hysteresis to be
easily controlled by either a resistor or an inexpensive CMOS DAC.
Driving this pin high or floating the pin removes all hysteresis.
CC
pin. High frequency bypass capacitors should be
carefully selected for minimum inductance and ESR. Parasitic
layout inductance should also be strictly controlled to maximize
the effectiveness of the bypass at high frequencies.
Hysteresis control and latch mode can be used together if an
open drain, an open collector, or a three-state driver is connected
parallel to the hysteresis control resistor or current source.
CML-COMPATIBLE OUTPUT STAGE
Specified propagation delay dispersion performance can be
achieved by using proper transmission line terminations. The
outputs of the ADCMP606 and ADCMP607 are designed to drive
400 mV directly into a 50 Ω cable or into transmission lines
terminated using either microstrip or strip line techniques with
50 Ω referenced to V
Due to the programmable hysteresis feature, the logic threshold
of the latch pin is approximately 1.1 V regardless of VCC.
CC
. The CML output stage is shown in the
simplified schematic diagram in Figure 14. Each output is back-
terminated with 50 Ω for best transmission line matching.
Q
16mA
50
Ω
Q
VCCO
GND
Figure 14. Simplified Schematic Diagram of
CML-Compatible Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com