Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2188YCPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG2188YCPZ-R2
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188YCPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADG2188YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADG2188
Rev. 0 | Page 4 of 28
B Version
Y Version
Parameter
+25°C
−40°C to
+85°C
+25°C
−40°C to
+125°C
Unit
Conditions
LOGIC INPUTS (SCL, SDA)2
Input High Voltage, VINH
0.7 VL
0.7 VL
V min
VL + 0.3
VL + 0.3
V max
Input Low Voltage, VINL
−0.3
−0.3
V min
0.3 VL
0.3 VL
V max
Input Leakage Current, IIN
0.005
0.005
μA typ
VIN = 0 V to VL
±1
±1
μA max
Input Hysteresis
0.05 VL
0.05 VL
V min
Input Capacitance, CIN
7
7
pF typ
LOGIC OUTPUT (SDA)2
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 3 mA
0.6
0.6
V max
ISINK = 6 mA
Floating State Leakage Current
±1
±1
μA max
POWER REQUIREMENTS
IDD
0.05
0.05
μA typ
Digital inputs = 0 V or VL
1
1
μA max
ISS
0.05
0.05
μA typ
Digital inputs = 0 V or VL
1
1
μA max
IL
Digital inputs = 0 V or VL
Interface Inactive
0.3
0.3
μA typ
2
2
μA max
Interface Active: 400 kHz fSCL
0.1
0.1
mA typ
0.2
0.2
mA max
Interface Active: 3.4 MHz fSCL
0.4
0.4
mA typ
-HS model only
1.2
1.7
mA max
1 Temperature range is as follows: B version: −40°C to +85°C; Y version: −40°C to +125°C.
2 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com