Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2188YCPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADG2188YCPZ-R2
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188YCPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG2188YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADG2188
Rev. 0 | Page 19 of 28
SERIAL INTERFACE
The ADG2188 is controlled via an I2C-compatible serial bus.
The parts are connected to this bus as a slave device (no clock
is generated by the switch).
HIGH SPEED I2C INTERFACE
In addition to standard and full speed I2C, the ADG2188 also
supports the high speed (3.4 MHz) I2C interface. Only the –HS
models provide this added performance. See the Ordering
Guide for details.
SERIAL BUS ADDRESS
The ADG2188 has a 7-bit slave address. The four MSBs are
hard coded to 1110, and the three LSBs are determined by the
state of Pin A0, Pin A1, and Pin A2. By offering the facility to
hardware configure Pin A0, Pin A1, and Pin A2, up to eight
of these devices can be connected to a single serial bus.
The 2-wire serial bus protocol operates as follows:
1.
The master initiates data transfer by establishing a start
condition, defined as when a high-to-low transition on
the SDA line occurs while SCL is high. This indicates
that an address/data stream follows. All slave peripherals
connected to the serial bus respond to the start condition
and shift in the next eight bits, consisting of a 7-bit
address (MSB first) plus an R/W bit that determines the
direction of the data transfer, that is, whether data is
written to or read from the slave device.
2.
The peripheral whose address corresponds to the trans-
mitted address responds by pulling the SDA line low
during the ninth clock pulse, known as the acknowledge
bit. At this stage, all other devices on the bus remain idle
while the selected device waits for data to be written to
or read from its serial register. If the R/W bit is 1 (high), the
master reads from the slave device. If the R/W bit is 0
(low), the master writes to the slave device.
3.
Data is transmitted over the serial bus in sequences of
nine clock pulses: eight data bits followed by an acknowl-
edge bit from the receiver of the data. Transitions on the
SDA line must occur during the low period of the clock
signal, SCL, and remain stable during the high period of
SCL, because a low-to-high transition when the clock is
high can be interpreted as a stop signal.
4.
When all data bits have been read or written, a stop
condition is established by the master. A stop condition
is defined as a low-to-high transition on the SDA line
while SCL is high. In write mode, the master pulls the
SDA line high during the 10th clock pulse to establish a
stop condition. In read mode, the master issues a no
acknowledge for the ninth clock pulse (that is, the SDA
line remains high). The master then brings the SDA line
low before the 10th clock pulse and then high during the
10th clock pulse to establish a stop condition.
Refer to Figure 33 and Figure 34 for a graphical explanation
of the serial data transfer protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com