Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2188YCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADG2188YCPZ-R2
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188YCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADG2188YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADG2188
Rev. 0 | Page 14 of 28
0.35
0.05
0.30
0.25
0.20
0.15
0.10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VL = 5V
VL = 3V
FREQUENCY (MHz)
VDD = +5V
VSS = –5V
Figure 22. Digital Current (IL) vs. Frequency
1.8
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.2
0
06
5
4
3
2
1
VLOGIC (V)
VL = 5V
VL = 3V
Figure 23. Digital Current (IL) vs. VLOGIC for Varying Digital Supply Voltage
0
–120
100
1G
FREQUENCY (Hz)
–20
–40
–60
–80
–100
1k
10k
100k
1M
10M
100M
VDD = 5V/12V
VSS = –5V/0V
TA = 25°C
0.2V p-p RIPPLE
SWITCH OFF,
WITHOUT DECOUPLING
SWITCH ON,
WITHOUT DECOUPLING
WITH DECOUPLING
Figure 24. ACPSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com