Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG2188YCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADG2188YCPZ-R2
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG2188YCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADG2188YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADG2188YCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADG2188
Rev. 0 | Page 15 of 28
TEST CIRCUITS
The test circuits show measurements on one channel for clarity, but the circuit applies to any of the switches in the matrix.
XY
VS
RON = V1/IDS
IDS
V1
Figure 25. On Resistance
XY
VX
VY
IOFF
A
A
IOFF
Figure 26. Off Leakage
XY
VY
NC
ION
A
Figure 27. On Leakage
VX
XY
VOUT
50%
90%
9TH DATA BIT
GND
0.1µF
0.1µF
VSS
VOUT
VDD
VSS
VDD
CL
35pF
RL
300Ω
tOFF AND tON
Figure 28. Switching Times, tON, tOFF
XY
VX
CL
1nF
RX
QINJ =CL × ΔVOUT
ΔVOUT
GND
0.1
µF0.1µF
VSS
VSS
VDD
VDD
VOUT
SW ON
DATA BIT
VOUT
SW OFF
Figure 29. Charge Injection
VX
50Ω
RL
50Ω
V
X
Y
0.1µF
VS
VOUT
OFF ISOLATION = 20 log
NETWORK
ANALYZER
0.1µF
VSS
VSS
50Ω
VDD
VDD
VOUT
GND
Figure 30. Off Isolation
VX
50Ω
RL
50Ω
V
X
Y
0.1µF
VOUT WITHOUT SWITCH
VOUT WITH SWITCH
INSERTION LOSS = 20 log
NETWORK
ANALYZER
0.1µF
VSS
VSS
VDD
VDD
VOUT
GND
Figure 31. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com