Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2001 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS2001
Description  1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2001 Datasheet(HTML) 5 Page - ON Semiconductor

  CS2001 Datasheet HTML 1Page - ON Semiconductor CS2001 Datasheet HTML 2Page - ON Semiconductor CS2001 Datasheet HTML 3Page - ON Semiconductor CS2001 Datasheet HTML 4Page - ON Semiconductor CS2001 Datasheet HTML 5Page - ON Semiconductor CS2001 Datasheet HTML 6Page - ON Semiconductor CS2001 Datasheet HTML 7Page - ON Semiconductor CS2001 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CS2001
http://onsemi.com
5
PACKAGE PIN DESCRIPTION (continued)
PACKAGE PIN #
FUNCTION
PIN SYMBOL
SO–20L
FUNCTION
PIN SYMBOL
13
VCHG
Switched cap voltage tripler output.
14
GND5
Ground.
15
GND6
Ground.
16
GND7
Ground.
17
GND8
Ground.
18
NERD
No energy reserve detected output.
19
RESETB
Reset output.
20
VOUT
Linear regulator output.
VER
VFB
COMP
IBIAS
CPUMP
VBAT
NERD
RESETB
VOUT
SWSD
GND
VSW
VCHG
+
–
–
+
–
+
–
+
–
+
+
–
+
–
VREF
VCC
VREF
VREF
VREF
VREF
VCC
VCC
VREF
VCC
VCC
VCC
Oscillator
Bandgap
Reference
Over
Temperature
VREF
0.25 V
VFB/CPUMP
Short
Detect
Switcher
Error Amp
Preregulator
Switcher
Comp
VREF
Logic
Base
Drive
Voltage
Tripler
1.2 A
Current
Sense Amp
Switcher
Shutdown
Comp
0.5
× VCC
7.25 V
Low
Battery
Detect
Linear
Error Amp
Logic
Current
Limit
Reset
VER
Detect
100 mA
No Battery
Drive
Figure 2. Block Diagram
VCC
1.25 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com