Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2001 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS2001
Description  1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2001 Datasheet(HTML) 1 Page - ON Semiconductor

  CS2001 Datasheet HTML 1Page - ON Semiconductor CS2001 Datasheet HTML 2Page - ON Semiconductor CS2001 Datasheet HTML 3Page - ON Semiconductor CS2001 Datasheet HTML 4Page - ON Semiconductor CS2001 Datasheet HTML 5Page - ON Semiconductor CS2001 Datasheet HTML 6Page - ON Semiconductor CS2001 Datasheet HTML 7Page - ON Semiconductor CS2001 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
December, 2000 – Rev. 5
1
Publication Order Number:
CS2001/D
CS2001
1.2 A Switching Regulator,
and 5.0 V, 100 mA Linear
Regulator with RESET
The CS2001 is a smart power supply ASIC utilized in automotive
airbag systems. It contains a current–mode switching regulator with a
1.2 A on–chip switch and a 5.0 V, 100 mA linear regulator. The linear
output capacitor must be 3.3
µF or greater with an ESR in the range of
100 m
Ω to 1.0 Ω. If the ESR of the cap is less than 100 mΩ, a series
resistor must be used. The switcher can be configured in either a boost
or flyback topology. The boost topology produces energy reserve
voltage VER which is externally adjustable (25 V maximum) through
the resistor divider connected to the VFB pin. In the event of fault
conditions that produce VFB either open or shorted, the switcher is
shut down.
Under normal operating conditions (VBAT > 8.0 V), the current
loading on the linear regulator is directed through VBAT. A low battery
or loss of battery condition switches the supply for the linear regulator
from VBAT to VER and shuts down the switcher using the ASIC’s
internal “smartswitch.” This switchover feature minimizes the power
dissipation in both the linear and switcher output devices and saves the
cost of using a larger inductor.
The NERD (No Energy Reserve Detected) pin is a dual function
output. If VOUT is not in regulation, it provides a Power On Reset
function whose time interval is externally adjustable with the
capacitor. This interval can be seen on the RESETB pin, which allows
for clean power–up and power–down of the microprocessor. Once
VOUT is in regulation, the logic level of the NERD output (usually
low) indicates to the microprocessor whether or not the VER pin is
connected.
A switched–capacitor voltage tripler accepts input voltage VER and
produces output voltage VCHG (typically VER + 8.0 V). This voltage
is used in the system to drive high–side FETs.
This part is capable of withstanding a 50 V peak transient voltage.
The linear regulator will not shut down during this event.
Features
• Linear Regulator 5.0 V ±2% @ 100 mA
• Switching Regulator 1.2 A Peak Internal Switch
• Voltage Tripler
• Smart Functions
– Smartswitch
– RESET
– Energy Reserve Status
• Protection
– Overtemperature
– Current Limit
– 50 V Peak Transient Capability
• Internally Fused Leads in SO–20L Package
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
CS2001YDWF20
SO–20L
37 Units/Rail
CS2001YDWFR20
SO–20L
1000 Tape & Reel
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
PIN CONNECTIONS
MARKING DIAGRAM
SO–20L
DWF SUFFIX
CASE 751D
1
CS2001
AWLYYWW
20
1
20
1
20
VCHG
VSW
GND5
GND4
GND6
GND3
GND7
GND2
GND8
GND1
NERD
VFB
RESETB
VBAT
VOUT
VER
IBIAS
SWSD
CPUMP
COMP


Similar Part No. - CS2001

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
65nm CMOS Technology
CS200 FUJITSU-CS200 Datasheet
983Kb / 2P
65nm CMOS Standard Cell
logo
Cirrus Logic
CS2000 CIRRUS-CS2000 Datasheet
980Kb / 1P
New Clocking Family Offers System Flexibility, Lower Cost, and Easier System Design
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
301Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
More results

Similar Description - CS2001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com