Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2001 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS2001
Description  1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS2001 Datasheet(HTML) 2 Page - ON Semiconductor

  CS2001 Datasheet HTML 1Page - ON Semiconductor CS2001 Datasheet HTML 2Page - ON Semiconductor CS2001 Datasheet HTML 3Page - ON Semiconductor CS2001 Datasheet HTML 4Page - ON Semiconductor CS2001 Datasheet HTML 5Page - ON Semiconductor CS2001 Datasheet HTML 6Page - ON Semiconductor CS2001 Datasheet HTML 7Page - ON Semiconductor CS2001 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS2001
http://onsemi.com
2
VER
VBAT
VFB
GND1
GND2
GND3
GND4
VSW
SWSD
COMP
VOUT
RESETB
NERD
GND8
GND7
GND6
GND5
VCHG
IBIAS
CPUMP
CS2001
Microprocessor
100
µF
68
µH
1.0 k
95.3 k
Reserve
Firing
Voltage
VIGN
1000
µF
5.1 k
1000
µF
11 k
1.0
µF
0.1
µF
270 pF
30.1 k
1.0
µF 0.47 µF
10
µF
Tripler
Firing
Voltage
ESR
Figure 1. Application Diagram
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
VBAT
–0.5 to 25
V
VER
–0.5 to 25
V
VOUT
–0.5 to 7.0
V
Digital Input/Output Voltage
–0.5 to 7.0
V
Peak Transient Voltage (36 V Load Dump @ 14 V Battery Voltage)
50
V
Storage Temperature Range
–55 to 150
°C
Junction to Free Air Thermal Impedance
55
°C/W
ESD Susceptibility (Human Body Model)
4.0
kV
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1.)
230 peak
°C
TA
–40 to 85
°C
TJ
–40 to 150
°C
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com