Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2001 Datasheet (PDF) - ON Semiconductor

CS2001 Datasheet PDF - ON Semiconductor
Part # CS2001
Download  CS2001 Download
File Size   77.39 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET

CS2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS2001 Datasheet PDF - ON Semiconductor

Part # CS2001
Download  CS2001 Click to download

File Size   77.39 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET

CS2001 Datasheet (HTML) - ON Semiconductor


CS2001 Product details

The CS2001 is a smart power supply ASIC utilized in automotive airbag systems. It contains a current–mode switching regulator with a 1.2 A on–chip switch and a 5.0 V, 100 mA linear regulator. The linear output capacitor must be 3.3 µF or greater with an ESR in the range of 100 mΩ to 1.0 Ω. If the ESR of the cap is less than 100 mΩ, a series resistor must be used. The switcher can be configured in either a boost or flyback topology. The boost topology produces energy reserve voltage VER which is externally adjustable (25 V maximum) through the resistor divider connected to the VFB pin. In the event of fault conditions that produce VFB either open or shorted, the switcher is shut down.
Under normal operating conditions (VBAT > 8.0 V), the current loading on the linear regulator is directed through VBAT. A low battery or loss of battery condition switches the supply for the linear regulator from VBAT to VER and shuts down the switcher using the ASIC’s internal “smartswitch.” This switchover feature minimizes the power dissipation in both the linear and switcher output devices and saves the cost of using a larger inductor.
The NERD (No Energy Reserve Detected) pin is a dual function output. If VOUT is not in regulation, it provides a Power On Reset function whose time interval is externally adjustable with the capacitor. This interval can be seen on the RESETB pin, which allows for clean power–up and power–down of the microprocessor. Once VOUT is in regulation, the logic level of the NERD output (usually low) indicates to the microprocessor whether or not the VER pin is connected.
A switched–capacitor voltage tripler accepts input voltage VER and produces output voltage VCHG (typically VER + 8.0 V). This voltage is used in the system to drive high–side FETs.
This part is capable of withstanding a 50 V peak transient voltage. The linear regulator will not shut down during this event.

Features
• Linear Regulator 5.0 V ±2% @ 100 mA
• Switching Regulator 1.2 A Peak Internal Switch
• Voltage Tripler
• Smart Functions
   – Smartswitch
   – RESET
   – Energy Reserve Status
• Protection
   – Overtemperature
   – Current Limit
   – 50 V Peak Transient Capability
• Internally Fused Leads in SO–20L Package




Similar Part No. - CS2001

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
65nm CMOS Technology
CS200 FUJITSU-CS200 Datasheet
983Kb / 2P
65nm CMOS Standard Cell
logo
Cirrus Logic
CS2000 CIRRUS-CS2000 Datasheet
980Kb / 1P
New Clocking Family Offers System Flexibility, Lower Cost, and Easier System Design
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
301Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
More results


Similar Description - CS2001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com