Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308GDWR28 Datasheet(PDF) 16 Page - ON Semiconductor

Part # CS5308GDWR28
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308GDWR28 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button CS5308GDWR28 Datasheet HTML 12Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 13Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 14Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 15Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 16Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 17Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 18Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 19Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
CS5308
http://onsemi.com
16
Soft Start Enable, and Hiccup Mode
A capacitor between the COMP pin and GND controls
Soft Start and hiccup mode slopes. A 0.1
mF capacitor with
the 30
mA charge current will allow the output to ramp up at
0.3 V/ms or 1.5 V in 5 ms at start−up.
When a fault is detected due to an overcurrent condition
the converter will enter a low duty cycle hiccup mode.
During hiccup mode the converter will not switch from the
time a fault is detected until the Soft Start capacitor has
discharged below the Soft Start Discharge Threshold and
then charged back up above the Channel Start Up Offset.
The COMP pin will disable the converter when pulled
below 0.27 V
VTT Monitoring & VTT Power Good (VTTPGD)
The CS5308 includes VTT monitoring, delay timing and
an open−collector VTT Power Good (VTTPGD) output. A
comparator with a threshold of approximately 1.05 V
monitors VTT. At power−up, VTTPGD is held low and is
released a short time after VTT crosses the 1.05 V threshold.
The time between VTT stabilizing and the release of
VTTPGD is set by a capacitor (CVTT) at the open−collector
VTTCT pin. The voltage at the VTTCT pin will ramp from
its VCE(sat) voltage, approximately 0.25 V, to 1 V before
VTTPGD is pulled HIGH. The VTTCT charging current and
CVTT set the VTTPGD delay time. The delay time can be
calculated using:
TD,VTT + (1 V * 0.25 V) @ CVTT VTTCT_Current.
The VTTCT charging current is dependent on the selection
of the oscillator frequency. See Figure 3 for a representation of
oscillator frequency and charging current versus ROSC value.
If either VTT or VTTPGD are held LOW, the internal Fault
latch will be SET, the controller will stop switching, and
VCORE will be zero.
Power Good (PWRGD)
The open−collector Power Good (PWRGD) pin is driven
by a “window−comparator” monitoring VCORE. This
comparator will transition HIGH if VCORE is within ±12%
of the nominal VID setting. After a 50
ms delay, the
comparators output will saturate the open−collector output
transistor and the PWRGD pin will be pulled LOW.
Layout Guidelines
With the fast rise, high output currents of microprocessor
applications, parasitic inductance and resistance should be
considered when laying out the power, filter and feedback
signal sections of the board. Typically, a multi−layer board
with at least one ground plane is recommended. If the layout
is such that high currents can exist in the ground plane
underneath the controller or control circuitry, the ground
plane can be slotted to route the currents away from the
controller. The slots should typically not be placed between
the controller and the output voltage or in the return path of
the gate drive. Additional power and ground planes or
islands can be added as required for a particular layout.
Gate drives experience high di/dt during switching and the
inductance of gate drive traces should be minimized. Gate
drive traces should be kept as short and wide as practical and
should have a return path directly below the gate trace.
Output filter components should be placed on wide planes
connected directly to the load to minimize resistive drops
during heavy loads and inductive drops and ringing during
transients. If required, the planes for the output voltage and
return can be interleaved to minimize inductance between
the filter and load.
The current sense signals are typically tens of milli−volts.
Noise pick−up should be avoided wherever possible.
Current feedback traces should be routed away from noisy
areas such as the switch node and gate drive signals. If the
current signals are taken from a location other than directly
at the inductor any additional resistance between the
pick−off point and the inductor appears as part of the
inherent inductor resistances and should be considered in
design calculations. The capacitors for the current feedback
networks should be placed as close to the current sense pins
as practical. After placing the CS5308 control IC, follow
these guidelines to optimize the layout and routing:
1. Place the 1
mF power−supply bypass (ceramic)
capacitors close to their associated pins: VCCL,
VCCH1, VCCH2, VCCL12.
2. Place the MOSFETs to minimize the length of the
Gate traces. Orient the MOSFETs such that the
Drain connections are away from the controller and
the Gate connections are closest to the controller.
3. Place the components associated with the internal
error amplifier (RFBK1, CFBK2, CAMP, RCMP1,
CCMP1, CCMP2, RDRP1) to minimize the trace
lengths to the pins VFB, VDRP and COMP.
4. Place the current sense components (RCS1, RCS2,
CCS1, CCS2, RCSREF, CCSREF) near the CS1, CS2,
and CSREF pins.
5. Place the frequency setting resistor (ROSC) close to
the ROSC pin. The ROSC pin is very sensitive to
noise. Route noisy traces, such as the SWNODEs and
GATE traces, away from the ROSC pin and resistor.
6. Place the VTT timing capacitor (CVTT) and
pull−up resistor (RVTT) near the VTTCT and
VTTPGD pins.
7. Place the MOSFETs and output inductors to
reduce the size of the noisy SWNODEs. There is a
trade−off between reducing the size of the
SWNODEs for noise reduction and providing
adequate heat−sinking for the synchronous
MOSFETs.
8. Place the input inductor and input capacitor(s) near
the Drain of the control (upper) MOSFETs. There
is a trade−off between reducing the size of this
node to save board area and providing adequate
heat−sinking for the control MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com