Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308GDWR28 Datasheet(PDF) 19 Page - ON Semiconductor

Part # CS5308GDWR28
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308GDWR28 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button CS5308GDWR28 Datasheet HTML 15Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 16Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 17Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 18Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 19Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 20Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 21Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 22Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
CS5308
http://onsemi.com
19
For a two−phase converter with perfect efficiency (
h = 1),
the worst case input ripple−current will occur when the
converter is operating at a 25% duty cycle. At this operating
point, the parallel combination of input capacitors must
support an RMS ripple current equal to 25% of the
converter’s DC output current. At other duty cycles, the
ripple−current will be less. For example, at a duty cycle of
either 10% or 40%, the two−phase input ripple−current will
be approximately 20% of the converter’s DC output current.
In general, capacitor manufacturers require derating to the
specified ripple−current based on the ambient temperature.
More capacitors will be required because of the current
derating. The designer should be cognizant of the ESR of the
input capacitors. The input capacitor power loss can be
calculated from:
PCIN + ICIN,RMS2 @ ESR_per_capacitor NIN (13)
Low ESR capacitors are recommended to minimize losses
and reduce capacitor heating. The life of an electrolytic
capacitor is reduced 50% for every 10°C rise in the
capacitor’s temperature.
4. Input Inductor Selection
The use of an inductor between the input capacitors and
the power source will accomplish two objectives. First, it
will isolate the voltage source and the system from the noise
generated in the switching supply. Second, it will limit the
inrush current into the input capacitors at power up. Large
inrush currents will reduce the expected life of the input
capacitors. The inductor’s limiting effect on the input
current slew rate becomes increasingly beneficial during
load transients.
+
+
Vi
5.0 V
Li
TBD
Ci
2 × 6SP680
ESRCi
13 m/2 = 6.5 m
Q2
Q1
Lo
825 nH
ESRCo
23 m/5 = 4.6 m
14 u(t)
Co
5 × 6.3ZA1000M10x16
Vi(t = 0) = 5.0 V
SWNODE
Vo(t = 0) = 1.745 V
VCi
ILo
VOUT
ILi
MAX dI/dt occurs in
first few PWM cycles.
Figure 15. Calculating the Input Inductance
+
−
The worst case input current slew rate will occur during
the first few PWM cycles immediately after a step−load
change is applied as shown in Figure 15. When the load is
applied, the output voltage is pulled down very quickly.
Current through the output inductors will not change
instantaneously so the initial transient load current must be
conducted by the output capacitors. The output voltage will
step downward depending on the magnitude of the output
current (IO,MAX), the per capacitor ESR of the output
capacitors (ESROUT), and the number of the output
capacitors (NOUT) as shown in Figure . Assuming the load
current is shared equally between the two phases, the output
voltage at full, transient load will be:
VOUT,FULL−LOAD +
(14)
VOUT,NO−LOAD * (IO,MAX 2) @ ESROUT NOUT
When the control MOSFET (Q1 in Figure 15) turns ON,
the input voltage will be applied to the opposite terminal of
the output inductor (the SWNODE). At that instant, the
voltage across the output inductor can be calculated as:
DVLo + VIN * VOUT,FULL−LOAD
(15)
+ VIN * VOUT,NO−LOAD
) (IO,MAX 2) @ ESROUT NOUT
The differential voltage across the output inductor will
cause its current to increase linearly with time. The slew rate
of this current can be calculated from:
dILo dt + DVLo Lo
(16)
Current changes slowly in the input inductor so the input
capacitors must initially deliver the vast majority of the
input current. The amount of voltage drop across the input
capacitors (
DVCi) is determined by the number of input
capacitors (NIN), their per capacitor ESR (ESRIN), and the
current in the output inductor according to:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com