Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308GDWR28 Datasheet(PDF) 27 Page - ON Semiconductor

Part # CS5308GDWR28
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308GDWR28 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button CS5308GDWR28 Datasheet HTML 23Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 24Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 25Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 26Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 27Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 28Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 29Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 30Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 31Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
CS5308
http://onsemi.com
27
ICIN,RMS + [2D @ (IC,MIN2 ) IC,MIN @ DIC,IN
(11)
) DIC,IN2 3) ) IIN,AVG2 @ (1 * 2D)]1 2
+ [0.662 @ (3.32 ) 3.3 @ 5 ) 52 3) ) 11.442
@ (1 * 0.662)]1 2
+ 8.94 ARMS
At this point, the designer must decide between saving
board space by using higher−rated/more costly capacitors or
saving cost by using more lower−rated/less costly
capacitors. To save board space, we choose the SP (Oscon)
series capacitors by Sanyo: 680
mF, 6.3 V, 4.84 ARMS, 13 mW,
10 × 10.5mm. We need approximately 8.94 A/4.84 A = 1.84
or NIN = 2 capacitors on the input for a conservative design.
4. Input Inductor Selection
The input inductor must limit the input current slew rate
to less than 0.1 A/
ms during a load transient from 0 to 28 A.
A conservative value will be calculated assuming the
minimum number of output capacitors (NOUT = 5), two
input capacitors (NIN = 2), worst case ESR values for both
the input and output capacitors, and a maximum duty cycle
(D = (1.825 V + 45 mVAVP)/5.0 VIN = 0.374).
First, use Equation 15 to calculate the voltage across the
output inductor due to the 28 A load current being shared
equally between the two phases:
(15)
DVLo + VIN * VOUT,NO−LOAD
) (IO,MAX 2) @ ESROUT NOUT
+ 5.0 V * 1.87 V ) 14 A @ 23 mW 5
+ 3.194 V
Second, use Equation 16 to determine the rate of current
increase in the output inductor:
dILo dt + DVLo Lo
+ 3.194 V 825 nH + 3.872 V ms
(16)
Finally, use Equations 17 and 18 to calculate the minimum
input inductance value:
DVCi + ESRIN NIN @ dILo dt @ D fSW
+ 13 mW 2 @ 3.872 ms @ 0.374 335 kHz
+ 28.1 mV
(17)
LiMIN + DVCi dIIN dtMAX
+ 28.1 mV 0.1 A ms + 281 nH
(18)
We choose the small, cost effective T30−26 core from
Micrometals (33.5 nH/N2) with #16 AWG. We need at least
2.89 or 3 turns to achieve the minimum inductance value.
With three turns the input inductor will be:
Li + 32 @ 33.5 nH N2 + 301 nH
This inductor is available as part number CTX15−14771
from Coiltronics.
Figure 26. CS5308 Circuitry With Only 5 Rubycon
Output Capacitors, 2 Oscon Input Capacitors
and a 300 nH Input Inductor. The dIIN/dt of the
Input Current (0.064 A/ms) Is Much Lower Than
Expected (0.1 A/ms) Because of Input Voltage Drop
and Lower Real ESRs Than Specified in the
Capacitors’ Data Sheets.
5. MOSFET & Heatsink Selection
The NTB75N03−06 from ON Semiconductor is chosen
for both the control and synchronous MOSFET due to its
low RDS(on) and low gate−charge requirements. The
following parameters are derived from the NTB75N03−06
data sheet:
RDS(on) = 5.3 mW
QSWITCH = 29 nC
QG = 52 nC
QRR = 23 nC
QOSS = 35 nC (approx.)
Vfdiode = 0.76 V @ 15 A
qJC = 1.0°C / W
CS5308 Parameters:
iG = 1 A
VG = 10 V
t_nonoverlap = 65 ns
The RMS value of the current in the control MOSFET is
calculated from Equation 20 and the previously derived
values for D, ILMAX, and ILMIN at the converter’s maximum
output current:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com