Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5308GDWR28 Datasheet(PDF) 26 Page - ON Semiconductor

Part # CS5308GDWR28
Description  Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5308GDWR28 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button CS5308GDWR28 Datasheet HTML 22Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 23Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 24Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 25Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 26Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 27Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 28Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 29Page - ON Semiconductor CS5308GDWR28 Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
CS5308
http://onsemi.com
26
Design Example
Typical Design Requirements:
VIN = 5.0 Vdc
VOUT = 1.70 Vdc (nominal)
VOUT,RIPPLE = 10 mVPP max
VID Range: 1.050 Vdc − 1.825 Vdc
IO,MAX = 28 A at full−load
IOUT,LIM = 33 A min at 50°C (shutdown threshold)
dIIN/dt = 0.1 A/ms max
fSW = 335 kHz
h = 81% minimum
TA,MAX = 60°C
TJ,MAX = 115°C
TD,VTT = 2.5 ms (VTTPGD delay time)
TSS = 6.5 ms (Soft Start time)
DVOUT at no−load (static) =
+45 mV from VID setting = 1.745 Vdc
DVOUT at full−load (static) =
−45 mV from VID setting = 1.655 Vdc
DVOUT at full−load (transient) =
-90 mV from VID setting = 1.610 Vdc
1. Output Capacitor Selection
First, choose a low−cost, low−ESR output capacitor such as
the Rubycon 6.3ZA1000M10X16: 6.3 V, 1000
mF, 1.65 ARMS,
24 m
W, 10 × 16 mm. Calculate the minimum number of
output capacitors:
NOUT,MIN + ESR per capacitor @ D
IO,MAX
DVO,MAX
+ 24 mW @ 28 A (1.745 V * 1.610 V)
+ 4.987 or 5 capacitors minimum (5000 mF)
(1)
2. Output Inductor Selection
Calculate the minimum output inductance at IO,MAX
according to Equation 3 with ±20% inductor ripple current
(
a = 0.20):
LoMIN +
(VIN * VOUT) @ VOUT
(a @ IO,MAX @ VIN @ fSW)
+
(5 V * 1.655 V) @ 1.655 V
(0.2 @ 28 A @ 5V @ 335 kHz)
+ 590 nH
(3)
To save cost, we choose the inexpensive T50
-52 core
from Micrometals: 33 nH/N2, 3.19 cm./turn. At 14 A per
phase the permeability of this core will be approximately
80% of the permeability at 0 A. Therefore, at 0 A we must
achieve at least 590 nH/0.8 or 738 nH. Using four turns
results in only 528 nH, so we must use five turns of #16AWG
bifilar (2 m
W/ft.) to produce 825 nH. This inductor is
available as part number CTX22−15401 from Coiltronics.
Use Equation 4 to insure the output voltage ripple will
satisfy the design goal with the minimum number of
capacitors and the nominal output inductance:
VOUT,P−P + (ESR per cap NOUT,MIN) @
(VIN * #Phases @ VOUT) @ D (LoMIN @ fSW)
(4)
+ (24 mW 5) @
(5.0 V * 2 @ 1.7 V) @ (1.7 V 5.0 V) (825 nH @ 335 kHz)
+ (4.8 mW) @ {1.97 A}
+ 9.45 mV
The output voltage ripple will be decreased when output
capacitors are added to satisfy transient loading
requirements.
We will need the nominal and worst case inductor
resistances for subsequent calculations:
RL + 5 turns @ 3.19 cm turn @ 0.03218 ft cm @ 2mW ft
+ 1.03 mW
The inductor resistance will be maximized when the
inductor is “hot” due to the load current and the ambient
temperature is high. Assuming a 40°C temperature rise of
the inductor at full−load and a 25°C ambient temperature
rise we can calculate:
RL,MAX + 1.03 mW @ [1 ) 0.39% °C @ (40°C ) 25°C)]
+ 1.29 mW
3. Input Capacitor Selection
Use Equation 5 to determine the average input current to
the converter:
IIN,AVG + IO,MAX @ D h
+ 28 A @ (1.655 V 5.0 V) 0.81 + 11.44 A
(5)
Next, use Equations 6 to 10:
DILo + (VIN * VOUT) @ D (Lo @ fSW)
+ (5 V * 1.655 V) @
(1.655 V 5.0 V)
(825 nH @ 335 kHz)
+ 4.00 App
(10)
ILo,MAX + IO,MAX 2 ) DILo 2
+ 28 A 2 ) 4App 2 + 16 A
(8)
ILo,MIN + IO,MAX 2 * DILo 2
+ 28 A 2 * 4App 2 + 12 A
(9)
IC,MAX + ILo,MAX h * IIN,AVG
+ 16 A 0.81 * 11.44 A + 8.3 A
(6)
IC,MIN + ILo,MIN h * IIN,AVG
+ 12 A 0.81 * 11.44 A + 3.3 A
(7)
For the two−phase converter, the input capacitor(s) RMS
current is then (Note: D = 1.655 V/5 V = 0.331):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com