Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5422 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5422
Description  Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5422 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5422 Datasheet HTML 1Page - ON Semiconductor CS5422 Datasheet HTML 2Page - ON Semiconductor CS5422 Datasheet HTML 3Page - ON Semiconductor CS5422 Datasheet HTML 4Page - ON Semiconductor CS5422 Datasheet HTML 5Page - ON Semiconductor CS5422 Datasheet HTML 6Page - ON Semiconductor CS5422 Datasheet HTML 7Page - ON Semiconductor CS5422 Datasheet HTML 8Page - ON Semiconductor CS5422 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CS5422
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; ROSC = 30.9 k, CCOMP1,2 = 0.1 μF,
10.8 V < VCC < 13.2 V; 10.8 V < BST < 20 V, CGATE(H)1,2 = CGATE(L)1,2 = 1.0 nF, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Supply Currents
VCC Current
COMP1,2 = 0 V (No Switching)
−
13
17
mA
BST Current
COMP1,2 = 0 V (No Switching)
−
3.5
6.0
mA
Undervoltage Lockout
Start Threshold
GATE(H) Switching; COMP1,2 charging
7.8
8.6
9.4
V
Stop Threshold
GATE(H) not switching; COMP1,2 discharging
7.0
7.8
8.6
V
Hysteresis
Start−Stop
0.5
0.8
1.5
V
Hiccup Mode Overcurrent Protection
OVC Comparator Offset Voltage
0 V < IS+ 1(2) < 5.5 V, 0 V < IS− 1(2) < 5.5 V
55
70
85
mV
Discharge Threshold
−
0.20
0.25
0.30
V
IS+ 1(2) Bias Current
0 V < IS+ 1(2) < 5.5 V
−1.0
0.1
1.0
μA
IS− 1(2) Bias Current
0 V < IS− 1(2) < 5.5 V
−1.0
0.1
1.0
μA
OVC Common Mode Range
−
0
−
5.5
V
OVC Latch COMP1 Discharge Current
COMP1 = 1.0 V
2.0
5.0
8.0
μA
OVC Latch COMP2 Discharge Current
COMP2 = 1.0 V
0.3
1.2
3.5
mA
COMP1 Charge/Discharge
Ratio in OVC
−
5.0
6.0
7.0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com