Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5422 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5422
Description  Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5422 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5422 Datasheet HTML 2Page - ON Semiconductor CS5422 Datasheet HTML 3Page - ON Semiconductor CS5422 Datasheet HTML 4Page - ON Semiconductor CS5422 Datasheet HTML 5Page - ON Semiconductor CS5422 Datasheet HTML 6Page - ON Semiconductor CS5422 Datasheet HTML 7Page - ON Semiconductor CS5422 Datasheet HTML 8Page - ON Semiconductor CS5422 Datasheet HTML 9Page - ON Semiconductor CS5422 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CS5422
http://onsemi.com
6
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
SO−16
SO−24L
1
1
GATE(H)1
High Side Switch FET driver pin for channel 1.
2
2
GATE(L)1
Low Side Synchronous FET driver pin for channel 1.
3
−
GND
Ground pin for all circuitry contained in the IC. This pin is internally
bonded to the substrate of the IC.
−
3
PGND
Ground pin for the FET drivers.
4
4
BST
Power input for GATE(H)1 and GATE(H)2 pins.
−
5−8, 17−20
LGND
Ground pin for the internal control circuitry. The pin is internally
bonded to the substrate of the IC.
5
9
IS+1
Positive input for channel 1 overcurrent comparator.
6
10
IS−1
Negative input for channel 1 overcurrent comparator.
7
11
VFB1
Error amplifier inverting input for channel 1.
8
12
COMP1
Channel 1 Error Amp output. PWM Comparator reference input. A
capacitor to LGND provides Error Amp compensation. The same
capacitor provides Soft Start timing for channel 1. This pin also
disables the channel 1 output when pulled below 0.3 V.
9
13
COMP2
Channel 2 Error Amp output. PWM Comparator reference input. A
capacitor to LGND provides Error Amp compensation and Soft
Start timing for channel 2. Channel 2 output is disabled when this
pin is pulled below 0.3 V.
10
14
VFB2
Error amplifier inverting input for channel 2.
11
15
IS−2
Negative input for channel 2 overcurrent comparator.
12
16
IS+2
Positive input for channel 2 overcurrent comparator.
13
21
ROSC
Oscillator frequency pin. A resistor from this pin to ground sets the
oscillator frequency.
14
22
VCC
Input Power supply pin.
15
23
GATE(L)2
Low Side Synchronous FET driver pin for channel 2.
16
24
GATE(H)2
High Side Switch FET driver pin for channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com