Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5422 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5422
Description  Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5422 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5422 Datasheet HTML 3Page - ON Semiconductor CS5422 Datasheet HTML 4Page - ON Semiconductor CS5422 Datasheet HTML 5Page - ON Semiconductor CS5422 Datasheet HTML 6Page - ON Semiconductor CS5422 Datasheet HTML 7Page - ON Semiconductor CS5422 Datasheet HTML 8Page - ON Semiconductor CS5422 Datasheet HTML 9Page - ON Semiconductor CS5422 Datasheet HTML 10Page - ON Semiconductor CS5422 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CS5422
http://onsemi.com
7
VCC
Set
Dominant
IS+1
LGND
PWM
Comparator 1
PWM
Comparator 2
Reset
Dominant
CURRENT
SOURCE
GEN
BST
FAULT
BIAS
FAULT
R
S
R
S
R
S
RAMP1
GATE(H)1
5.0 μA
0.45 V
0.25 V
GND
COMP1
−
+
−
+
−
+
−
−
+
−
−
COMP2
VFB1
RAMP2
FAULT
FAULT
Reset
Dominant
GATE(L)1
GATE(H)2
GATE(L)2
PGND
VCC
BST
VCC
RAMP1
RAMP2
CLK1
CLK2
OSC
0.45 V
1.0 V
E/A2
E/A OFF
E/A1
E/A OFF
ROSC
Q
1.2 mA
VFB2
1.0 V
VCC
−
+
−
+
IS−1
IS+2
IS−2
−
−
8.6 V
70 mV
70 mV
(16 Lead pkg. only)
(24 Lead pkg. only)
(24 Lead
pkg. only)
BST
Figure 2. Block Diagram
7.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com