Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5422 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5422
Description  Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5422 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5422 Datasheet HTML 1Page - ON Semiconductor CS5422 Datasheet HTML 2Page - ON Semiconductor CS5422 Datasheet HTML 3Page - ON Semiconductor CS5422 Datasheet HTML 4Page - ON Semiconductor CS5422 Datasheet HTML 5Page - ON Semiconductor CS5422 Datasheet HTML 6Page - ON Semiconductor CS5422 Datasheet HTML 7Page - ON Semiconductor CS5422 Datasheet HTML 8Page - ON Semiconductor CS5422 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 7
1
Publication Order Number:
CS5422/D
CS5422
Dual Out−of−Phase
Synchronous
Buck Controller
with Current Limit
The CS5422 is a dual N−channel synchronous buck regulator
controller. It contains all the circuitry required for two independent
buck regulators and utilizes the V2™ control method to achieve the
fastest possible transient response and best overall regulation, while
using the least number of external components. The CS5422 features
out−of−phase synchronization between the channels, reducing the
input filter requirement. The CS5422 also provides undervoltage
lockout, Soft Start, built in adaptive FET non−overlap and hiccup
mode overcurrent protection. The part is available in a 16 Lead SO
Narrow or 24 Lead Fused SO Wide package allowing the designer to
minimize solution size.
Features
• V2 Control Topology
• Hiccup Mode Overcurrent Protection
• 150 ns Transient Response
• Programmable Soft Start
• 100% Duty Cycle for Enhanced Transient Response
• 150 kHz to 600 kHz Programmable Frequency Operation
• Switching Frequency Set by Single Resistor
• Out−Of−Phase Synchronization Between the Channels Reduces the
Input Filter Requirement
• Undervoltage Lockout
• Internally Fused Leads available in 24 Lead SO Wide Package
CS5422GDR16
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS5422GD16
SO−16
48 Units/Rail
SO−16
2500 Tape & Reel
VFB1
COMP1
IS+1
GATE(H)1
PIN CONNECTIONS AND
MARKING DIAGRAMS
GATE(L)1
GND
BST
IS−1
SO−16
D SUFFIX
CASE 751B
1
16
GATE(H)2
GATE(L)2
VCC
ROSC
IS+2
IS−2
VFB2
COMP2
CS5422GDWFR24
CS5422GDWF24
SO−24L
31 Units/Rail
SO−24L
1000 Tape & Reel
SO−24L
DWF SUFFIX
CASE 751E
LGND
LGND
LGND
LGND
LGND
LGND
LGND
LGND
ROSC
BST
VCC
PGND
GATE(L)2
GATE(L)1
GATE(H)2
GATE(H)1
IS+2
IS+1
IS−2
IS−1
1
24
COMP2
COMP1
VFB2
VFB1
16
24
1
1
SO−16
SO−24L
http://onsemi.com


Similar Part No. - CS5422

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
CS5421GD16 ONSEMI-CS5421GD16 Datasheet
298Kb / 14P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
CS5421GDR16 ONSEMI-CS5421GDR16 Datasheet
298Kb / 14P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
More results

Similar Description - CS5422

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5424 ONSEMI-NCP5424 Datasheet
131Kb / 20P
Dual Synchronous Buck Controller with Input Current Sharing
June, 2003 - Rev. 3
NCP5422A ONSEMI-NCP5422A Datasheet
126Kb / 18P
Dual Out-of-Phase Synchronous Buck Controller with Current Limit
November, 2003 ??Rev. 4
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
NCP5422A ONSEMI-NCP5422A_06 Datasheet
163Kb / 16P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
April, 2006 ??Rev. 7
NCP5424 ONSEMI-NCP5424_05 Datasheet
137Kb / 18P
Dual Synchronous Buck Controller with Input Current Sharing
March, 2005 ??Rev. 4
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
ON Semiconductor
ADP3430 ONSEMI-ADP3430 Datasheet
373Kb / 26P
2??to 3?뭁hase Synchronous Buck Controller
July, 2009 ??Rev. 2
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com