Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

322-STFS Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 322-STFS
Description  Plug-in terminal strip Screw connection & pin
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

322-STFS Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  322-STFS Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
322-STFS(-DS)
Plug-in terminal strip
Screw connection & pin
04.19
WECO | www.wecogroup.com
The plug-in terminal strip 322-STFS is available in 10 mm pitch with 2 to 12 poles.
It has one screw connection per pole and one vertical pin for the connection to the
socket of the female counterpart.
This plug-in terminal strip was designed with a solid pin in order to provide reliable
permanent contact to the socket of 323-STFB.
The wire protector of the “DS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
These terminals strips can be screw-mounted on a substrate.
Part Numbers
No. of
poles
322-STFS
322-STFS-DS
Length
PU
2
72.821.002
12.821.032
18,00
1000
3
73.821.002
13.821.032
28,00
1000
4
74.821.002
14.821.032
38,00
500
5
75.821.002
15.821.032
48,00
500
6
76.821.002
16.821.032
58,00
100
7
77.821.002
17.821.032
68,00
100
8
78.821.002
18.821.032
78,00
80
9
79.821.002
19.821.032
88,00
80
10
80.821.002
20.821.032
98,00
50
11
81.821.002
21.821.032
108,00
50
12
82.821.002
22.821.032
117,00
50
General Information
Pitch
10 mm
No. of poles
2 - 12
Usable with
323-STFB(-DS)
Areas of application
Applications that require to easily open and close
not energised circuits.
Technical Data
Clamping Range
solid / flexible / AWG
without wire protector
0,75 - 6 mm² / 0,75 - 4 mm² / 18 - 10 AWG
with wire protector
0,5 - 4 mm² / 0,5 - 2,5 mm² / 20 - 12 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
6 mm ± 0,5mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
400 V
630 V
1000 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Insulation Voltage
450 V acc. to EN 60998-1 [1]
Rated Current
16 A
Torque
0,5 Nm
Other specifications
Rated values apply to use in combination with
323-STFB and insulated substrates.
Material
Moulding
PA, natural, V-2
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal Body
Nickel plated brass
Screw
M3; zinc plated steel, blue passivated
Wire protector
Tin plated tin bronze
Plug
Nickel plated brass
Approvals
Current [A]
Voltage [V]
Group
AWG
[Nm]
15
10
300
300
B
D,E
26 - 10
26 - 10
0,51 [2]
0,51 [2]
Options / Accessories
• Marking options on the screw guides
• Leading plug for the protective conductor pole
• Moulding made of special polyamide for e.g. household appliances
[1] with insulating base
[2] for 322-STFS-DS: 26 - 12 AWG


Similar Part No. - 322-STFS

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
322-SERIES EDAC-322-SERIES Datasheet
204Kb / 2P
322 Series Card Edge Connector | Grey | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 22/44 Pin with Card Guides | 0.473" (12.01mm) Insulator Height
logo
WECO ELECTRICAL CONNECT...
322-SV WECO-322-SV Datasheet
106Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-SVG WECO-322-SVG Datasheet
107Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
04.19
322-SVW WECO-322-SVW Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin, plug-in direction vertical, long pin
07.18
More results

Similar Description - 322-STFS

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302-STB WECO-302-STB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket
04.18
302-STS WECO-302-STS Datasheet
171Kb / 1P
Plug-in terminal strip Screw connection & pin
05.18
302-SV WECO-302-SV Datasheet
124Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
302-SVG WECO-302-SVG Datasheet
158Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
05.18
322-SV WECO-322-SV Datasheet
106Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-SVG WECO-322-SVG Datasheet
107Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
04.19
322-SVW WECO-322-SVW Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin, plug-in direction vertical, long pin
07.18
323-STFB WECO-323-STFB Datasheet
113Kb / 1P
Plug-in terminal strip Screw connection & socket
04.19
324-STFS WECO-324-STFS Datasheet
104Kb / 1P
Plug-in terminal strip Screw connection & pin
05.19
820 WECO-820 Datasheet
163Kb / 1P
Screw/plug-in terminal strip Screw/screwless connection
01.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com