Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG5NT026 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SLG5NT026
Description  Dual Power High Voltage Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG5NT026 Datasheet(HTML) 3 Page - Renesas Technology Corp

  SLG5NT026 Datasheet HTML 1Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 2Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 3Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 4Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 5Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 6Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 7Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 8Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
000-005NT026-101
Page 3 of 9
SLG5NT026
Note 1: If TVCC_RAMP > 5 V/ms and ON is asserted, Gate charging will begin after 1 ms.
Absolute Maximum Conditions
Parameter
Min.
Max.
Unit
VD or VS to GND
-0.3
40.0
V
Voltage at Logic Input pins
-0.3
6.5
V
Current at input pin
-1.0
1.0
mA
Storage temperature range
-65
150
°C
Operating temperature range
-55
125
°C
Junction temperature
--
150
°C
ESD Human Body Model
--
2000
V
ESD Machine Model
--
200
V
Electrical Characteristics (0°C to 70°C)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
11.5
12.0
12.5
V
TVCC_RAMP VCC Ramp-up Rate
See Note 1
0.25
--
--
V/ms
Iq
Quiescent Current
VG not ramping
FET = ON
--
50
80
µA
VG not ramping
FET = OFF
--
0.1
1
µA
VD
FET Drain Voltage
SLG5NT026
1.0
--
21
V
VGS
Gate-Source Voltage
SLG5NT026
8.0
11.5
16
V
CG
FET Gate Capacitance
500
--
16000
pF
TDELAY
Ramp Delay Range
--
0.25
0.325
ms
TSLEW
FET Turn on Slew Rate
4.0V/ms config option
2.8
4.0
5.2
V/ms
2.0V/ms config option
1.4
2.0
2.6
V/ms
IDISCHARGE Internal Discharge Resistor
--
Open
--
Ω
VIH
HIGH-level input voltage
ON (200mV Hysteresis)
2.4
--
5.5
V
VIL
LOW-level Input voltage
ON (200mV Hysteresis)
--
--
0.4
V
VOH
HIGH-level output voltage
PG Open Drain
--
--
5.5
V
IOL_LOGIC Logic LOW level output
PG Sink Current (0.4V)
--
0.02
--
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com