Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG5NT026 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SLG5NT026
Description  Dual Power High Voltage Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG5NT026 Datasheet(HTML) 4 Page - Renesas Technology Corp

  SLG5NT026 Datasheet HTML 1Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 2Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 3Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 4Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 5Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 6Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 7Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 8Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
000-005NT026-101
Page 4 of 9
SLG5NT026
Device Operation
In a typical application, de-asserting ON (low) turns off the external power N-FET. When ON is asserted (high), the device will
not begin driving the gate of the external power FET unless the voltage at the drain of the device is at or above 0.8 V
(e.g. VD ≥ 0.8). Gate voltage is not applied to the gate of the external power N-FET after DLY_t then the gate source (Vgs) voltage
is ramped up to 11.5 V above the source voltage VS at a slew rate determined by the internal slew rate control element internal
to the SLG5NT026. Monotonic rise of Vs is maintained even as ID increases dramatically after the load device turn on threshold
voltage is reached. After the source voltage has ramped up to its maximum steady state value, the Open Drain PG (Power Good)
signal is asserted. PG may be used as the ON control of a second SLG5NT026 thereby providing power on sequence control of
a number of switched power rails, or used in a ‘wired and’ with other PG signals to indicate all switched power rails are in a power
good condition.
If the ON signal has been asserted prior to the application of VCC, the device will begin turning on the external power FET after
VCC ramps up



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com