Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG5NT026 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SLG5NT026
Description  Dual Power High Voltage Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG5NT026 Datasheet(HTML) 1 Page - Renesas Technology Corp

  SLG5NT026 Datasheet HTML 1Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 2Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 3Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 4Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 5Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 6Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 7Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 8Page - Renesas Technology Corp SLG5NT026 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2022 Renesas Electronics Corporation
Rev 1.01
000-005NT026-101
Revised February 9, 2022
Dual Power High Voltage Gate Driver
SLG5NT026
Block Diagram
Features
•
12 V Power supply
•
Drain Voltage Range 1.0 V to 20 V
•
Internal Gate Voltage Charge Pump
•
Controlled Turn on Delay
•
Controlled Turn on Slew Rate
•
Pb-Free / RoHS Compliant
•
Halogen-Free
•
2mm x 2mm TDFN-8 Package
Applications
•
Power Rail Switches
•
Hot Plugging Applications
•
Soft Switching
•
Personal computers and Servers
•
Data Communications Equipment
Pin Configuration
Environmental
•
Pb-Free / RoHS compliant
•
Halogen Free
D1
D2
G
PG
GND
NC
2
3
4
5
6
7
8
8-pin TDFN
ON
VCC
1
Load
D
G
D2
ON
GND
+
_
CC
D1
2
4
6
7
5
1
Timing & Logic
Q-PUMP
PG
8
Power
Source #1
Load
SLG5NT026
For N-MOSFETS with 8 V<VGS< 16 V


Similar Part No. - SLG5NT026

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT026 DIALOG-SLG5NT026 Datasheet
183Kb / 8P
Dual Power Source Gate Driver
More results

Similar Description - SLG5NT026

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
6EDL04I06PT INFINEON-6EDL04I06PT_16 Datasheet
818Kb / 25P
High voltage gate driver IC
Revision 2.6, 05.08.2016
2EDL23I06PJ INFINEON-2EDL23I06PJ Datasheet
1,013Kb / 23P
High voltage gate driver IC
Revision 2.2, 01.06.2016
2EDL05I06PF INFINEON-2EDL05I06PF_16 Datasheet
1Mb / 22P
High voltage gate driver IC
Revision 2.6, 01.06.2016
logo
Dialog Semiconductor
SLG5NT026 DIALOG-SLG5NT026 Datasheet
183Kb / 8P
Dual Power Source Gate Driver
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
High voltage gate driver IC
Revision 1.0, 2013-07-26
logo
Renesas Technology Corp
SLG5NT021-200000V RENESAS-SLG5NT021-200000V Datasheet
322Kb / 9P
High Voltage Gate Driver
February 9, 2022
SLG55022 RENESAS-SLG55022 Datasheet
346Kb / 10P
High Voltage Gate Driver
9-Feb-2022
SLG55221 RENESAS-SLG55221 Datasheet
334Kb / 10P
Dual Rail High Voltage Gate Driver
9-Feb-2022
SLG55021-200010 RENESAS-SLG55021-200010 Datasheet
323Kb / 9P
High Voltage Gate Driver
9-Feb-2022
SLG55026-200300V RENESAS-SLG55026-200300V Datasheet
320Kb / 9P
Dual Power High Voltage Gate Driver
Revised February 9, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com